Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1082 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1082
Description  Available in MiniDiP, TO-220, and TO-3 Packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1082 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1082 Datasheet HTML 4Page - Linear Technology LT1082 Datasheet HTML 5Page - Linear Technology LT1082 Datasheet HTML 6Page - Linear Technology LT1082 Datasheet HTML 7Page - Linear Technology LT1082 Datasheet HTML 8Page - Linear Technology LT1082 Datasheet HTML 9Page - Linear Technology LT1082 Datasheet HTML 10Page - Linear Technology LT1082 Datasheet HTML 11Page - Linear Technology LT1082 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1072
1072fc
rough guide to calculate LT1072 power dissipation. For
more details, the reader is referred to Application Note 19
(AN19), “Efficiency Calculations” section.
Average supply current (including driver current) is:
IIN ≈ 6mA + ISW(0.004 + DC/40)
ISW = switch current
DC = switch duty cycle
Switch power dissipation is given by:
PSW = (ISW)2 • RSW • DC
RSW = LT1072 switch “on” resistance (1Ω maximum)
Total power dissipation is the sum of supply current times
input voltage plus switch power:
PTOT = (llN)(VIN) + PSW
In a typical example, using a boost converter to generate
12V @ 0.12A from a 5V input, duty cycle is approximately
60%, and switch current is about 0.65A, yielding:
llN = 6mA + 0.65(0.004 + DC/40) = 18mA
PSW = (0.65)2 • 1Ω • (0.6) = 0.25W
PTOT = (5V)(0.018A) + 0.25 = 0.34W
Temperature rise in a plastic miniDIP would be 130°C/W
times 0.34W, or approximately 44°C. The maximum
ambient temperature would be limited to 100°C
(commercial temperature limit) minus 44°C, or 56°C.
In most applications, full load current is used to calculate
die temperature. However, if overload conditions must
also be accounted for, four approaches are possible. First,
if loss of regulated output is acceptable under overload
conditions, the internal
thermal limit of the LT1072 will
protect the die in most applications by shutting off switch
current.
Thermal limit is not a tested parameter, however,
and should be considered only for non-critical applications
with temporary overloads. A second approach is to use the
larger TO-220 (T) or TO-3 (K) package which, even without
a heat sink, may limit die temperatures to safe levels under
overload conditions. In critical situations, heat sinking
of these packages is required; especially if overload
conditions must be tolerated for extended periods of time.
The third approach for lower current applications is to
leave the second switch emitter open. This increases
switch “on” resistance by 2:1, but reduces switch current
limit by 2:1 also, resulting in a net 2:1 reduction in I2R
switch dissipation under current limit conditions.
The fourth approach is to clamp the VC pin to a voltage less
than its internal clamp level of 2V. The LT1072 switch
current limit is zero at approximately 1V on the VC pin and
2A at 2V on the VC pin. Peak switch current can be
externally clamped between these two levels with a diode.
See AN-19 for details.
LT1072 Synchronizing
The LT1072 can be externally synchronized in the frequency
range of 48kHz to 70kHz. This is accomplished as shown
in the accompanying figures. Synchronizing occurs when
the VC pin is pulled to ground with an external transistor.
To avoid disturbing the DC characteristics of the internal
error amplifier, the width of the synchronizing pulse
should be under 1µs. C2 sets the pulse width at ≈ 0.35µs.
The effect of a synchronizing pulse on the LT1072
amplifier offset can be calculated from:
KT
= 26mV at 25°C
q
tS = pulse width
fS = pulse frequency
IC = LT1072 VC source current (≈ 200µA)
VC = LT1072 operating VC voltage (1V to 2V)
R3 = resistor used to set mid-frequency “zero” in LT1072
frequency compensation network.
With tS = 0.35µs, fS = 50kHz, VC = 1.5V, and R3 = 2KΩ,
offset voltage shift is ≈2.2mV. This is not particularly
bothersome, but note that high offsets could result
if R3 were reduced to a much lower value. Also, the
synchronizing transistor must sink higher currents with
low values of R3, so larger drives may have to be used. The
transistor must be capable of pulling the VC pin to within
200mV of ground to ensure synchronizing.
LT1072 OPERATIO
∆VOS =
(tS)(fS) IC +
IC
KT
q
((
(
VC
R3 (


Similar Part No. - LT1082

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1082 LINER-LT1082 Datasheet
250Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
Linear Integrated Syste...
LT1082 LINEAR-LT1082 Datasheet
184Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
Linear Technology
LT1082 LINER-LT1082 Datasheet
189Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
LT1082C LINER-LT1082C Datasheet
250Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
LT1082CN8 LINER-LT1082CN8 Datasheet
250Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
More results

Similar Description - LT1082

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
HH-106-PIN MA-COM-HH-106-PIN Datasheet
440Kb / 3P
   Available in Flatpack and Connectorized Packages
logo
Aavid, Thermal Division...
513102B02500 AAVID-513102B02500 Datasheet
82Kb / 2P
   For use with TO-220 packages
530613B00000 AAVID-530613B00000 Datasheet
78Kb / 2P
   For use with TO-220 packages
534202B33453 AAVID-534202B33453 Datasheet
81Kb / 2P
   For use with TO-220 packages
563002B00000 AAVID-563002B00000 Datasheet
80Kb / 2P
   For use with TO-220 packages
574102B03300 AAVID-574102B03300 Datasheet
83Kb / 2P
   For use with TO-220 packages
575002B00000 AAVID-575002B00000 Datasheet
80Kb / 2P
   For use with TO-220 packages
529902B02500 AAVID-529902B02500 Datasheet
82Kb / 2P
   For use with TO-220 packages
574502B00000 AAVID-574502B00000 Datasheet
82Kb / 2P
   For use with TO-220 packages
576802B04100 AAVID-576802B04100 Datasheet
88Kb / 2P
   For use with TO-220 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com