Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1129MPST-3.3 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1129MPST-3.3
Description  400mV Dropout Voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1129MPST-3.3 Datasheet(HTML) 5 Page - Linear Technology

  LT1129MPST-3.3 Datasheet HTML 1Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 2Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 3Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 4Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 5Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 6Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 7Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 8Page - Linear Technology LT1129MPST-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1129/LT1129-3.3/LT1129-5
5
112935ff
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Ripple Rejection
VIN – VOUT = 1V (Avg), VRIPPLE = 0.5VP-P,
fRIPPLE = 120Hz, ILOAD = 0.7A, TJ = 25°C
52
64
dB
Current Limit
VIN – VOUT = 7V, TJ = 25°C
1.2
1.6
A
Input Reverse Leakage Current
VIN = –20V, VOUT = 0V
l
1.0
mA
Reverse Output Current (Note 11)
LT1129-3.3
VOUT = 3.3V, VIN = 0V
LT1129-5
VOUT = 5V, VIN = 0V
LT1129 (Note 5)
VOUT = 3.8V, VIN = 0V
16
16
16
25
25
25
μA
μA
μA
voltage will be equal to (VIN – VDROPOUT). Dropout voltage is measured
between the input pin and the output pin. External voltage drops between
the output pin and the sense pin will add to the dropout voltage.
Note 7: Ground pin current is tested with VIN = VOUT (nominal) and a
current source load. This means that the device is tested while operating in
its dropout region. This is the worst case ground pin current. The ground
pin current will decrease slightly at higher input voltages.
Note 8: Adjust pin bias current flows into the adjust pin.
Note 9: Shutdown pin current at VSHDN = 0V flows out of the shutdown pin.
Note 10: Quiescent current in shutdown is equal to the sum total of the
shutdown pin current (6μA) and the ground pin current (9μA).
Note 11: Reverse output current is tested with the input pin grounded. The
output pin and the sense pin are forced to the rated output voltage. This
current flows into the sense pin and out of the ground pin. For the LT1129
(adjustable version) the sense pin is internally tied to the output pin.
Note 12: The LT1129 regulators are tested and specified under pulse load
conditions such that TJ ≅ TA. The LT1129C regulators are 100% tested at
TA = 25°C. For C-grade devices, Regulated Output Voltage, Line Regulation
and Load Regulation performance at –40°C and 125°C is assured by
design, characterization and correlation with statistical process controls.
The LT1129I regulators are guaranteed over the full –40°C to 125°C
operating junction temperature range. The LT1129MP regulators are 100%
tested and guaranteed over the –55°C to 125°C temperature range.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The shutdown pin input voltage rating is required for a low
impedance source. Internal protection devices connected to the shutdown
pin will turn on and clamp the pin to approximately 7V or – 0.6V. This
range allows the use of 5V logic devices to drive the pin directly. For high
impedance sources or logic running on supply voltages greater than 5.5V,
the maximum current driven into the shutdown pin must be limited to less
than 20mA.
Note 3: For junction temperatures greater than 110°C, a minimum load
of 1mA is recommended. For TJ > 110°C and IOUT < 1mA, output voltage
may increase by 1%.
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply
for all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 5: The LT1129 is tested and specified with the adjust pin connected
to the output pin.
Note 6: Dropout voltage is the minimum input/output voltage required to
maintain regulation at the specified output current. In dropout the output
Guaranteed Dropout Voltage
Dropout Voltage
Quiescent Current
OUTPUT CURRENT (A)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.2
0.4
0.5
112935 G01
0.1
0.3
0.6
0.7
0
= TEST POINTS
TJ ≤ 125°C
TJ ≤ 25°C
TEMPERATURE (°C)
–50
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
50
75
112935 G02
–25
25
100
125
A
C
D
E
B
A. ILOAD = 700mA
B. ILOAD = 500mA
C. ILOAD = 300mA
D. ILOAD = 100mA
E. ILOAD = 10mA
TEMPERATURE (°C)
–50
70
60
50
40
30
20
10
0
0
50
75
112935 G03
–25
25
100
125
VSHDN = 0V
VSHDN = OPEN (HI)
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LT1129MPST-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129MPST-3.3 LINER-LT1129MPST-3.3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129MPST-3.3 LINER-LT1129MPST-3.3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1129MPST-3.3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7764ASM IRF-OM7764ASM_15 Datasheet
181Kb / 5P
   Dropout Voltage of 400mV at Full Load
OM7764ASC IRF-OM7764ASC_15 Datasheet
168Kb / 5P
   Dropout Voltage of 400mV at Full Load
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com