Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLW2012-F-R005F Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # RLW2012-F-R005F
Description  1/3W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RLW2012-F-R005F Datasheet(HTML) 6 Page - Delta Electronics, Inc.

  RLW2012-F-R005F Datasheet HTML 1Page - Delta Electronics, Inc. RLW2012-F-R005F Datasheet HTML 2Page - Delta Electronics, Inc. RLW2012-F-R005F Datasheet HTML 3Page - Delta Electronics, Inc. RLW2012-F-R005F Datasheet HTML 4Page - Delta Electronics, Inc. RLW2012-F-R005F Datasheet HTML 5Page - Delta Electronics, Inc. RLW2012-F-R005F Datasheet HTML 6Page - Delta Electronics, Inc. RLW2012-F-R005F Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SRLF0000NH
REVISION
: A1
PAGE
: 6 OF 7
7. Packaging
7-1 Dimensions
7-1-1 Tape packaging dimensions
※ Pre-emptied holes : 150 holes (or 30cm) or more.
Code letter
A
B
Unit : mm
Dimension
1.45
± 0.10 2.25 ± 0.10
7-1-2 Reel Dimensions (Plastic reel : Correspond with EIAJ RRV08B)
Label
105 x 50
13 ± 0.2
28 ± 0.8
9 ± 0.3
13 ± 1.4
180
+0
-3
R1
2
105
Unit : mm
1.5
0.1
0.0
Carrier cavity
Sprocket hole
CHIP
1.75 ±0.1
8.0 ± 0.3
3.5 ± 0.05
2.0 ± 0.05
4.0 ± 0.1
Pull Direction
4.0 ± 0.1
B
A
0.6 ± 0.10
0.65 ± 0.10


Similar Part No. - RLW2012-F-R005F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLW2012-4-R005F DELTA-RLW2012-4-R005F Datasheet
135Kb / 7P
   1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RLW2012-4-R005G DELTA-RLW2012-4-R005G Datasheet
135Kb / 7P
   1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RLW2012-4-R005J DELTA-RLW2012-4-R005J Datasheet
135Kb / 7P
   1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RLW2012-4-R010F DELTA-RLW2012-4-R010F Datasheet
135Kb / 7P
   1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RLW2012-4-R010G DELTA-RLW2012-4-R010G Datasheet
135Kb / 7P
   1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
More results

Similar Description - RLW2012-F-R005F

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
RL1220-F-R010F DAESAN-RL1220-F-R010F Datasheet
211Kb / 8P
   1/3W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL0816-F-R010F DAESAN-RL0816-F-R010F Datasheet
144Kb / 7P
   1/3W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
logo
Delta Electronics, Inc.
RLT1632-F-R050F DELTA-RLT1632-F-R050F Datasheet
119Kb / 9P
   1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLW2012-4-R005F DELTA-RLW2012-4-R005F Datasheet
135Kb / 7P
   1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
logo
DAESAN ELECTRONIC CORP.
RL1220-4-R010F DAESAN-RL1220-4-R010F Datasheet
113Kb / 7P
   1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
logo
Delta Electronics, Inc.
RLT1220-3-R050F DELTA-RLT1220-3-R050F Datasheet
102Kb / 9P
   1/4W, 0805, Low Resistance Chip Resistor (Lead / Halogen Free)
logo
DAESAN ELECTRONIC CORP.
RL1220-4S-R010F DAESAN-RL1220-4S-R010F Datasheet
187Kb / 8P
   1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
logo
Delta Electronics, Inc.
RL36370-R002-F DELTA-RL36370-R002-F Datasheet
125Kb / 6P
   3W 3637 Low Resistance Chip Resistor (Lead free / Halogen Free)
RLW2012-6-R005F DELTA-RLW2012-6-R005F Datasheet
135Kb / 7P
   1W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
logo
DAESAN ELECTRONIC CORP.
RL1632H-R005F DAESAN-RL1632H-R005F Datasheet
92Kb / 7P
   1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com