Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCM188 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # GCM188
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM188 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button GCM188 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
10
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
High Dielectric Constant Type
The part numbering code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
L x W [mm]
Rated Volt. [Vdc]
TC
Capacitance
Tolerance
Part Number
25(
1E)
GCM033R71E101KA03D
GCM033R71E151KA03D
GCM033R71E221KA03D
GCM033R71E331KA03D
GCM033R71E471KA03D
GCM033R71E681KA03D
GCM033R71E102KA03D
GCM033R71E152KA03D
16(
1C)
GCM033R71C222KA55D
GCM033R71C332KA55D
10(
1A)
GCM033R71A472KA03D
GCM033R71A682KA03D
GCM033R71A103KA03D
X7R(
R7)
0.6x0.3(
03)<0201>
100pF(
101)
150pF(
151)
220pF(
221)
330pF(
331)
470pF(
471)
680pF(
681)
1000pF(
102)
1500pF(
152)
2200pF(
222)
3300pF(
332)
4700pF(
472)
6800pF(
682)
10000pF(
103)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
L x W [mm]
Rated Volt. [Vdc]
TC
Capacitance
Tolerance
Part Number
100(
2A)
GCM155R72A221KA37D
GCM155R72A331KA37D
GCM155R72A471KA37D
GCM155R72A681KA37D
GCM155R72A102KA37D
GCM155R72A152KA37D
GCM155R72A222KA37D
GCM155R72A332KA37D
GCM155R72A472KA37D
50(
1H)
GCM155R71H221KA37D
GCM155R71H331KA37D
GCM155R71H471KA37D
GCM155R71H681KA37D
GCM155R71H102KA37D
GCM155R71H152KA37D
GCM155R71H222KA37D
GCM155R71H332KA37D
GCM155R71H472KA37D
GCM155R71H682KA55D
GCM155R71H103KA55D
GCM155R71H153KA55D
GCM155R71H223KA55D
25(
1E)
GCM155R71E103KA37D
GCM155R71E153KA55D
GCM155R71E223KA55D
GCM155R71E333KA55D
GCM155R71E473KA55D
16(
1C)
GCM155R71C333KA37D
GCM155R71C473KA37D
GCM155R71C683KA55D
GCM155R71C104KA55D
X7R(
R7)
1.0x0.5(
15)<0402>
220pF(
221)
330pF(
331)
470pF(
471)
680pF(
681)
1000pF(
102)
1500pF(
152)
2200pF(
222)
3300pF(
332)
4700pF(
472)
6800pF(
682)
10000pF(
103)
15000pF(
153)
22000pF(
223)
33000pF(
333)
47000pF(
473)
68000pF(
683)
0.10
µF(104)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20
Packaging Code in Part Number is a code shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimension (LgW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Package
(Part Number)
w
GC
q
M
e
03
r
3
t
R7
y
1E
u
101
i
K
o
A03
!0
D


Similar Part No. - GCM188

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GCM1882C1H222JA01J PANASONIC-GCM1882C1H222JA01J Datasheet
607Kb / 20P
   5 to 25 V, VOUT = 1.2 to 22 V, 2-channel DC-DC Controller IC with Step down regulation
2013-06-28
GCM1882C1H222JA01J PANASONIC-GCM1882C1H222JA01J Datasheet
1Mb / 23P
   VIN = 5 to 25 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET for USB
2013-11-08
GCM1882C1H270JA01J PANASONIC-GCM1882C1H270JA01J Datasheet
607Kb / 20P
   5 to 25 V, VOUT = 1.2 to 22 V, 2-channel DC-DC Controller IC with Step down regulation
2013-06-28
GCM1882C1H270JA01J PANASONIC-GCM1882C1H270JA01J Datasheet
1Mb / 23P
   VIN = 5 to 25 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET for USB
2013-11-08
GCM1882C1H332JA01J PANASONIC-GCM1882C1H332JA01J Datasheet
1Mb / 23P
   VIN = 5 to 25 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET for USB
2013-11-08
More results

Similar Description - GCM188

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM1885G1H470JA16D MURATA-GCM1885G1H470JA16D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com