Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCM188 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # GCM188
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM188 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button GCM188 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GCM188 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
8
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Temperature Compensating Type
The part numbering code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
L x W [mm]
Rated Volt. [Vdc]
TC
Capacitance
Tolerance
Part Number
50(
1H)
GCM1555C1H1R0CZ13D
GCM1555C1H2R0CZ13D
GCM1555C1H3R0CZ13D
GCM1555C1H4R0CZ13D
GCM1555C1H5R0CZ13D
GCM1555C1H6R0DZ13D
GCM1555C1H7R0DZ13D
GCM1555C1H8R0DZ13D
GCM1555C1H9R0DZ13D
GCM1555C1H100JZ13D
GCM1555C1H120JZ13D
GCM1555C1H150JZ13D
GCM1555C1H180JZ13D
GCM1555C1H220JZ13D
GCM1555C1H270JZ13D
GCM1555C1H330JZ13D
GCM1555C1H390JZ13D
GCM1555C1H470JZ13D
GCM1555C1H560JZ13D
GCM1555C1H680JZ13D
GCM1555C1H820JZ13D
GCM1555C1H101JZ13D
GCM1555C1H121JA16D
GCM1555C1H151JA16D
GCM1555C1H181JA16D
GCM1555C1H221JA16D
GCM1555C1H271JA16D
GCM1555C1H331JA16D
GCM1555C1H391JA16D
GCM1555C1H471JA16D
100(
2A)
GCM1885C2A1R0CZ13D
GCM1885C2A2R0CZ13D
GCM1885C2A3R0CZ13D
GCM1885C2A4R0CZ13D
GCM1885C2A5R0CZ13D
GCM1885C2A6R0DZ13D
GCM1885C2A7R0DZ13D
GCM1885C2A8R0DZ13D
GCM1885C2A9R0DZ13D
GCM1885C2A100JA16D
GCM1885C2A120JA16D
GCM1885C2A150JA16D
GCM1885C2A180JA16D
GCM1885C2A220JA16D
GCM1885C2A270JA16D
GCM1885C2A330JA16D
GCM1885C2A390JA16D
GCM1885C2A470JA16D
GCM1885C2A560JA16D
GCM1885C2A680JA16D
GCM1885C2A820JA16D
GCM1885C2A101JA16D
GCM1885C2A121JA16D
GCM1885C2A151JA16D
GCM1885C2A181JA16D
GCM1885C2A221JA16D
GCM1885C2A271JA16D
GCM1885C2A331JA16D
GCM1885C2A391JA16D
GCM1885C2A471JA16D
GCM1885C2A561JA16D
GCM1885C2A681JA16D
GCM1885C2A821JA16D
GCM1885C2A102JA16D
GCM1885C2A122JA16D
GCM1885C2A152JA16D
50(
1H)
GCM1885C1H1R0CZ13D
GCM1885C1H2R0CZ13D
GCM1885C1H3R0CZ13D
GCM1885C1H4R0CZ13D
GCM1885C1H5R0CZ13D
GCM1885C1H6R0DZ13D
GCM1885C1H7R0DZ13D
GCM1885C1H8R0DZ13D
GCM1885C1H9R0DZ13D
GCM1885C1H100JA16D
GCM1885C1H120JA16D
GCM1885C1H150JA16D
GCM1885C1H180JA16D
GCM1885C1H220JA16D
GCM1885C1H270JA16D
GCM1885C1H330JA16D
GCM1885C1H390JA16D
GCM1885C1H470JA16D
GCM1885C1H560JA16D
GCM1885C1H680JA16D
GCM1885C1H820JA16D
GCM1885C1H101JA16D
GCM1885C1H121JA16D
GCM1885C1H151JA16D
GCM1885C1H181JA16D
GCM1885C1H221JA16D
GCM1885C1H271JA16D
GCM1885C1H331JA16D
GCM1885C1H391JA16D
GCM1885C1H471JA16D
GCM1885C1H561JA16D
GCM1885C1H681JA16D
GCM1885C1H821JA16D
GCM1885C1H102JA16D
GCM1885C1H122JA16D
GCM1885C1H152JA16D
GCM1885C1H182JA16D
GCM1885C1H222JA16D
GCM1885C1H272JA16D
GCM1885C1H332JA16D
GCM1885C1H392JA16D
C0G(
5C)
1.6x0.8(
18)<0603>
1.0x0.5(
15)<0402>
1.0pF(
1R0)
2.0pF(
2R0)
3.0pF(
3R0)
4.0pF(
4R0)
5.0pF(
5R0)
6.0pF(
6R0)
7.0pF(
7R0)
8.0pF(
8R0)
9.0pF(
9R0)
10pF(
100)
12pF(
120)
15pF(
150)
18pF(
180)
22pF(
220)
27pF(
270)
33pF(
330)
39pF(
390)
47pF(
470)
56pF(
560)
68pF(
680)
82pF(
820)
100pF(
101)
120pF(
121)
150pF(
151)
180pF(
181)
220pF(
221)
270pF(
271)
330pF(
331)
390pF(
391)
470pF(
471)
560pF(
561)
680pF(
681)
820pF(
821)
1000pF(
102)
1200pF(
122)
1500pF(
152)
1800pF(
182)
2200pF(
222)
2700pF(
272)
3300pF(
332)
3900pF(
392)
±0.25pF(C)
±0.25pF(C)
±0.25pF(C)
±0.25pF(C)
±0.25pF(C)
±0.5pF(D)
±0.5pF(D)
±0.5pF(D)
±0.5pF(D)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
±5%(J)
25(
1E)
GCM0335C1E1R0CD03D
GCM0335C1E2R0CD03D
GCM0335C1E3R0CD03D
GCM0335C1E4R0CD03D
GCM0335C1E5R0CD03D
GCM0335C1E6R0DD03D
GCM0335C1E7R0DD03D
GCM0335C1E8R0DD03D
GCM0335C1E9R0DD03D
GCM0335C1E100JD03D
GCM0335C1E120JD03D
GCM0335C1E150JD03D
GCM0335C1E180JD03D
GCM0335C1E220JD03D
GCM0335C1E270JD03D
GCM0335C1E330JD03D
GCM0335C1E390JD03D
GCM0335C1E470JD03D
GCM0335C1E560JD03D
GCM0335C1E680JD03D
GCM0335C1E820JD03D
GCM0335C1E101JD03D
0.6x0.3(
03)<0201>
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20
Packaging Code in Part Number is a code shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimension (LgW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Package
(Part Number)
w
GC
q
M
e
03
r
3
t
5C
y
1E
u
1R0
i
C
o
D03
!0
D


Similar Part No. - GCM188

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GCM1882C1H222JA01J PANASONIC-GCM1882C1H222JA01J Datasheet
607Kb / 20P
   5 to 25 V, VOUT = 1.2 to 22 V, 2-channel DC-DC Controller IC with Step down regulation
2013-06-28
GCM1882C1H222JA01J PANASONIC-GCM1882C1H222JA01J Datasheet
1Mb / 23P
   VIN = 5 to 25 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET for USB
2013-11-08
GCM1882C1H270JA01J PANASONIC-GCM1882C1H270JA01J Datasheet
607Kb / 20P
   5 to 25 V, VOUT = 1.2 to 22 V, 2-channel DC-DC Controller IC with Step down regulation
2013-06-28
GCM1882C1H270JA01J PANASONIC-GCM1882C1H270JA01J Datasheet
1Mb / 23P
   VIN = 5 to 25 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET for USB
2013-11-08
GCM1882C1H332JA01J PANASONIC-GCM1882C1H332JA01J Datasheet
1Mb / 23P
   VIN = 5 to 25 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET for USB
2013-11-08
More results

Similar Description - GCM188

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM1885G1H470JA16D MURATA-GCM1885G1H470JA16D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com