Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7855SCT Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # SPT7855SCT
Description  10-BIT, 25 MSPS, 135 mW A/D CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7855SCT Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button SPT7855SCT Datasheet HTML 3Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 4Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 5Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 6Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 7Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 8Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 9Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 10Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
5/25/01
SPT7855
Typically, the top side voltage drop for VRHF to VRHS will
equal:
VRHF – VRHS = 2.25 % of (VRHF – VRLF) (typical),
and the bottom side voltage drop for VRLS to VRLF will
equal:
VRLS – VRLF = 1.9 % of (VRHF – VRLF) (typical).
Figure 4 shows an example of expected voltage drops for
a specific case. VREF of 4.0 V is applied to VRHF, and VRLF
is tied to AGND. A 90 mV drop is seen at VRHS (= 3.91 V),
and a 75 mV increase is seen at VRLS (= 0.075 V).
ANALOG INPUT
VIN is the analog input. The input voltage range is from
VRLS to VRHS (typically 4.0 V) and will scale proportionally
with respect to the voltage reference. (See voltage refer-
ence section.)
The drive requirements for the analog inputs are very
minimal when compared to most other converters due to
the SPT7855’s extremely low input capacitance of only
5 pF and very high input resistance of 50 k
Ω.
The analog input should be protected through a series
resistor and diode clamping circuit as shown in figure 5.
Upon powerup, the SPT7855 begins its calibration algo-
rithm. In order to achieve the calibration accuracy re-
quired, the offset and gain adjustment step size is a frac-
tion of a 10-bit LSB. Since the calibration algorithm is an
oversampling process, a minimum of 10,000 clock cycles
are required. This results in a minimum calibration time
upon powerup of 400 µsec (for a 25 MHz clock). Once
calibrated, the SPT7855 remains calibrated over time and
temperature.
Since the calibration cycles are initiated on the rising edge
of the clock, the clock must be continuously applied for the
SPT7855 to remain in calibration.
INPUT PROTECTION
All I/O pads are protected with an on-chip protection
circuit shown in figure 6. This circuit provides ESD robust-
ness to 3.5 kV and prevents latch-up under severe dis-
charge conditions without degrading analog transition
times.
Figure 5 – Recommended Input Protection Circuit
47 W
D1
D2
ADC
Buffer
AVDD
+V
–V
D1 = D2 = Hewlett-Packard HP5712 or equivalent
Figure 6 – On-Chip Protection Circuit
VDD
Analog
Pad
120 W
120 W
CALIBRATION
The SPT7855 uses an auto-calibration scheme to ensure
10-bit accuracy over time and temperature. Gain and off-
set errors are continually adjusted to 10-bit accuracy
during device operation. This process is completely trans-
parent to the user.
POWER SUPPLY SEQUENCING CONSIDERATIONS
All logic inputs should be held low until power to the device
has settled to the specific tolerances. Avoid power decou-
pling networks with large time constants that could delay
VDD power to the device.
CLOCK INPUT
The SPT7855 is driven from a single-ended TTL-input
clock. Because the pipelined architecture operates on the
rising edge of the clock input, the device can operate over
a wide range of input clock duty cycles without degrading
the dynamic performance.


Similar Part No. - SPT7855SCT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7855SCT CADEKA-SPT7855SCT Datasheet
179Kb / 11P
   10-BIT, 25 MSPS, 135 mW A/D CONVERTER
More results

Similar Description - SPT7855SCT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7855 CADEKA-SPT7855 Datasheet
179Kb / 11P
   10-BIT, 25 MSPS, 135 mW A/D CONVERTER
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com