Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7855SCT Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SPT7855SCT
Description  10-BIT, 25 MSPS, 135 mW A/D CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7855SCT Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SPT7855SCT Datasheet HTML 1Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 2Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 3Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 4Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 5Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 6Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 7Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 8Page - Fairchild Semiconductor SPT7855SCT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
5/25/01
SPT7855
Figure 1A – Timing Diagram 1
ANALOG IN
CLOCK IN
1
3
5
7
9
11
13
15
17
SAMPLING
CLOCK
(Internal)
DATA OUTPUT
DATA VALID
VALID
INVALID
13
24
5
Figure 1B – Timing Diagram 2
tOD
Data 0
Data 1
Data 2
Data 3
CLOCK IN
DATA
OUTPUT
DATA VALID
tCH
tCL
tS
tS
tCL
tCH
tC
tCLK
Table I – Timing Parameters
DESCRIPTION
PARAMETERS
MIN
TYP
MAX
UNITS
Conversion Time
tC
tCLK
ns
Clock Period
tCLK
40
ns
Clock High Duty Cycle
tCH
40
50
60
%
Clock Low Duty Cycle
tCL
40
50
60
%
Clock to Output Delay (15 pF Load)
tOD
17
ns
Clock to DAV
tS
10
ns


Similar Part No. - SPT7855SCT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7855SCT CADEKA-SPT7855SCT Datasheet
179Kb / 11P
   10-BIT, 25 MSPS, 135 mW A/D CONVERTER
More results

Similar Description - SPT7855SCT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7855 CADEKA-SPT7855 Datasheet
179Kb / 11P
   10-BIT, 25 MSPS, 135 mW A/D CONVERTER
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com