Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75425QPWPG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75425QPWPG4
Description  FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75425QPWPG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS75425QPWPG4 Datasheet HTML 1Page - Texas Instruments TPS75425QPWPG4 Datasheet HTML 2Page - Texas Instruments TPS75425QPWPG4 Datasheet HTML 3Page - Texas Instruments TPS75425QPWPG4 Datasheet HTML 4Page - Texas Instruments TPS75425QPWPG4 Datasheet HTML 5Page - Texas Instruments TPS75425QPWPG4 Datasheet HTML 6Page - Texas Instruments TPS75425QPWPG4 Datasheet HTML 7Page - Texas Instruments TPS75425QPWPG4 Datasheet HTML 8Page - Texas Instruments TPS75425QPWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
LineRegulation(mV)=(%/V) ´
´
1000
V
(V
2.7V)
100
-
OUT
IN(Max)
LineRegulation(mV)=(%/V) ´
´
1000
V
[V
(V
+1V)]
100
-
OUT
IN(Max)
OUT
TPS752xxQ
TPS754xxQ
SLVS242C – MARCH 2000 – REVISED OCTOBER 2007
Over recommended operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 1 V; IOUT = 1 mA, VEN = 0 V,
COUT = 47 μF, unless otherwise noted. Typical values are at TJ = +25°C.
TPS752xxQ, TPS754xxQ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Adjustable output
1.5 V
≤ VOUT ≤ 5.5 V
0.98VOUT
VOUT
1.02VOUT
1.5 V output
2.7 V < VIN < 5.5 V
1.470
1.5
1.530
VOUT
(1)
1.8 V output
2.8 V < VIN < 5.5 V
1.764
1.8
1.836
V
2.5 V output
3.5 V < VIN < 5.5 V
2.450
2.5
2.550
3.3 V output
4.3 V < VIN < 5.5 V
3.234
3.3
3.336
IGND
(2)
Ground pin current
IOUT = 1 mA to 2 A
75
125
μA
ΔVOUT%/
Output voltage line regulation
VOUT + 1 V < VIN ≤ 5 V
0.01
0.1
%/V
VOUT
(1), (2)
ΔVOUT%/ ΔIOUT Load regulation
IOUT = 1 mA to 2 A
1
mV
Output noise voltage
VN
BW = 300 Hz to 50
VOUT = 1.5 V, COUT = 100 μF
60
μVRMS
kHz
TPS75433Q
VDO
Dropout voltage(3)
IOUT = 2 A, VIN = 3.2 V
210
400
mV
TPS75233Q
ICL
Output current limit
VOUT = 0 V
3.3
4.5
A
Shutdown
TSD
+150
°C
temperature
ISTBY
Standby current
EN = VIN
1
10
μA
IFB
FB input current
TPS75x01Q
FB = 1.5 V
–1
1
μA
VEN(HI)
High-level enable input voltage
2
V
VEN(LO)
Low-level enable input voltage
0.7
V
f = 100 Hz, COUT = 100 μF,
PSRR
Power-supply ripple rejection(2)
60
dB
IOUT = 2 A, See
(1)
Minimum input voltage for valid
IOUT(RESET) = 300 μA,
1
1.3
V
RESET
V(RESET) ≤ 0.8 V
Trip threshold voltage
VOUT decreasing
92
98
%VOUT
RESET
Hysteresis voltage
Measured at VOUT
0.5
%VOUT
(TPS752xxQ)
Output low voltage
VIN = 2.7 V, IOUT(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 5.5 V
1
μA
RESET timeout delay
100
ms
Minimum input voltage for valid PG
IOUT(PG) = 300 μA, V(PG) ≤ 0.8 V
1.1
1.3
V
Trip threshold voltage
VOUT decreasing
80
86
%VOUT
PG
Hysteresis voltage
Measured at VOUT
0.5
%VOUT
(TPS754xxQ)
Output low voltage
IOUT(PG) = 1mA
0.15
0.4
V
Leakage current
V(PG) = 5.5 V
1
μA
EN = VIN
–1
1
Input current (EN)
μA
EN = 0 V
–1
0
1
(1)
Minimum VIN = (VOUT + 1 V) or 2.7 V, whichever is greater. Maximum VIN = 5.5 V.
(2)
If VOUT ≤ 1.8 V, then VIN(min) = 2.7 V, VIN(max) = 5.5 V:
If VOUT ≥ 2.5 V, then VIN(min) = VOUT + 1 V, VIN(max) = 5.5 V:
(3)
Input voltage equals VOUT(Typ) – 100 mV; TPS75x33Q input voltage must drop to 3.2 V for this test.
4
Submit Documentation Feedback
Copyright © 2000–2007, Texas Instruments Incorporated


Similar Part No. - TPS75425QPWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75425QPWPG4 TI-TPS75425QPWPG4 Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75425QPWPG4 TI1-TPS75425QPWPG4 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75425QPWPG4 TI1-TPS75425QPWPG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75425QPWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201Q TI-TPS75201Q Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com