Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75418QPWPRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS75418QPWPRG4
Description  FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75418QPWPRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS75418QPWPRG4 Datasheet HTML 6Page - Texas Instruments TPS75418QPWPRG4 Datasheet HTML 7Page - Texas Instruments TPS75418QPWPRG4 Datasheet HTML 8Page - Texas Instruments TPS75418QPWPRG4 Datasheet HTML 9Page - Texas Instruments TPS75418QPWPRG4 Datasheet HTML 10Page - Texas Instruments TPS75418QPWPRG4 Datasheet HTML 11Page - Texas Instruments TPS75418QPWPRG4 Datasheet HTML 12Page - Texas Instruments TPS75418QPWPRG4 Datasheet HTML 13Page - Texas Instruments TPS75418QPWPRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
www.ti.com
60
70
50
40
30
20
10
0
90
80
100
100k
10k
1k
100
10
1M
10M
f
Frequency
Hz
-
-
V
=4.3V
C
=100 F
1mA
T =+25
IN
OUT
J
m
I
=
C
OUT
°
V
=4.3V
C
=100 F
2A
T =+25
IN
OUT
J
m
I
=
C
OUT
°
90
70
60
80
85
75
65
55
50
V
=5V
I
=2A
IN
OUT
-
40
10
160
60
110
T
JunctionTemperature
C
J -
- °
10
100
1k
10k
50k
1.8
1.4
1.2
0.8
0.4
0
1.6
1.0
0.6
0.2
2.0
f
Frequency
Hz
-
-
V
=4.3V
V
=3.3V
F
T =+25
IN
OUT
J
C
=100
C
OUT
m
°
I
=2A
OUT
I
=1mA
OUT
100k
10k
1k
100
10
1M
10M
f
Frequency
Hz
-
-
10
1
1
10
-
1
10
-
2
C
=100 F
I
=2A
OUT
OUT
m
C
=100 F
I
=1mA
OUT
OUT
m
TPS752xxQ
TPS754xxQ
SLVS242C – MARCH 2000 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ= –40°C to +125°C) unless otherwise noted. Typical values are at TJ = +25°C.
TPS75xxxQ
TPS75x33Q
GROUND CURRENT
POWER-SUPPLY RIPPLE REJECTION
vs JUNCTION TEMPERATURE
vs FREQUENCY
Figure 7.
Figure 8.
TPS75x33Q
TPS75x33Q
OUTPUT SPECTRAL NOISE DENSITY
OUTPUT IMPEDANCE
vs FREQUENCY
vs FREQUENCY
Figure 9.
Figure 10.
10
Submit Documentation Feedback
Copyright © 2000–2007, Texas Instruments Incorporated


Similar Part No. - TPS75418QPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75418QPWPRG4 TI-TPS75418QPWPRG4 Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75418QPWPRG4 TI-TPS75418QPWPRG4 Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75418QPWPRG4 TI1-TPS75418QPWPRG4 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75418QPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201Q TI-TPS75201Q Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com