Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4N-1B25 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D4N-1B25
Description  Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-1B25 Datasheet(HTML) 4 Page - Omron Electronics LLC

  D4N-1B25 Datasheet HTML 1Page - Omron Electronics LLC D4N-1B25 Datasheet HTML 2Page - Omron Electronics LLC D4N-1B25 Datasheet HTML 3Page - Omron Electronics LLC D4N-1B25 Datasheet HTML 4Page - Omron Electronics LLC D4N-1B25 Datasheet HTML 5Page - Omron Electronics LLC D4N-1B25 Datasheet HTML 6Page - Omron Electronics LLC D4N-1B25 Datasheet HTML 7Page - Omron Electronics LLC D4N-1B25 Datasheet HTML 8Page - Omron Electronics LLC D4N-1B25 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
D4N
General-purpose Switches with Two Contacts
Note: 1. It is recommended that M20 be used for Switches to be exported to Europe and 1/2-14NPT be used for Switches to be exported to North
American countries.
2. Mechanically speaking, these models are general-purpose switches with no direct opening mechanism.
General-purpose Switches with Three Contacts and MBB Contacts
Note: 1. It is recommended that M20 be used for Switches to be exported to Europe and 1/2-14NPT be used for Switches to be exported to North
American countries.
2. Mechanically speaking, these models are general-purpose switches with no direct opening mechanism.
Actuator
Conduit size
Built-in switch mechanism
1NC/1NO
(Snap-action)
2NC
(Snap-action)
1NC/1NO
(Slow-action)
2NC
(Slow-action)
Model
Direct
opening
Model
Direct
opening
Model
Direct
opening
Model
Direct
opening
Fork lever lock
(right operation)
1-conduit
G1/2
---
---
---
---
D4N-2ARE
---
D4N-2BRE
---
1/2-14NPT
D4N-3ARE
D4N-3BRE
M20
D4N-4ARE
D4N-4BRE
2-conduit
G1/2
---
---
D4N-6ARE
---
D4N-6BRE
---
M20
D4N-8ARE
D4N-8BRE
Fork lever lock (left
operation)
1-conduit
G1/2
---
---
D4N-2ALE
---
D4N-2BLE
---
1/2-14NPT
D4N-3ALE
D4N-3BLE
M20
D4N-4ALE
D4N-4BLE
2-conduit
G1/2
---
---
D4N-6ALE
---
D4N-6BLE
---
M20
D4N-8ALE
D4N-8BLE
Cat whisker
1-conduit
G1/2
D4N-2180
---
D4N-2280
---
---
---
D4N-2B80
---
1/2-14NPT
D4N-3180
D4N-3280
D4N-3B80
M20
D4N-4180
D4N-4280
D4N-4B80
2-conduit
G1/2
D4N-6180
---
D4N-6280
---
---
D4N-6B80
---
M20
D4N-8180
D4N-8280
D4N-8B80
Plastic rod
1-conduit
G1/2
D4N-2187
---
D4N-2287
---
---
D4N-2B87
---
1/2-14NPT
D4N-3187
D4N-3287
D4N-3B87
M20
D4N-4187
D4N-4287
D4N-4B87
2-conduit
G1/2
D4N-6187
---
D4N-6287
---
---
D4N-6B87
---
M20
D4N-8187
D4N-8287
D4N-8B87
Actuator
Conduit size
Built-in switch mechanism
2NC/1NO
(Slow-action)
3NC
(Slow-action)
1NC/1NO MBB
(Slow-action)
2NC/1NO MBB
(Slow-action)
Model
Direct
opening
Model
Direct
opening
Model
Direct
opening
Model
Direct
opening
Fork lever lock
(right operation)
1-conduit
G1/2
D4N-2CRE
---
D4N-2DRE
---
D4N-2ERE
---
D4N-2FRE
---
1/2-14NPT
D4N-3CRE
D4N-3DRE
D4N-3ERE
D4N-3FRE
M20
D4N-4CRE
D4N-4DRE
D4N-4ERE
D4N-4FRE
2-conduit
G1/2
D4N-6CRE
---
D4N-6DRE
---
D4N-6ERE
---
D4N-6FRE
---
M20
D4N-8CRE
D4N-8DRE
D4N-8ERE
D4N-8FRE
Fork lever lock
(left operation)
1-conduit
G1/2
D4N-2CLE
---
D4N-2DLE
---
D4N-2ELE
---
D4N-2FLE
---
1/2-14NPT
D4N-3CLE
D4N-3DLE
D4N-3ELE
D4N-3FLE
M20
D4N-4CLE
D4N-4DLE
D4N-4ELE
D4N-4FLE
2-conduit
G1/2
D4N-6CLE
---
D4N-6DLE
---
D4N-6ELE
---
D4N-6FLE
---
M20
D4N-8CLE
D4N-8DLE
D4N-8ELE
D4N-8FLE
Cat whisker
1-conduit
G1/2
---
---
D4N-2D80
---
---
---
---
---
1/2-14NPT
D4N-3D80
M20
D4N-4D80
2-conduit
G1/2
---
D4N-6D80
---
---
---
M20
D4N-8D80
Plastic rod
1-conduit
G1/2
---
D4N-2D87
---
---
---
1/2-14NPT
D4N-3D87
M20
D4N-4D87
2-conduit
G1/2
---
D4N-6D87
---
---
---
M20
D4N-8D87


Similar Part No. - D4N-1B25

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - D4N-1B25

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Total Power Internation...
TPDU45 TOTAL-POWER-TPDU45 Datasheet
366Kb / 4P
   MEET THE SAFETY STANDARDS
logo
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
   Approved to many international standards
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
logo
Littelfuse
216.050P LITTELFUSE-216.050P Datasheet
218Kb / 2P
   Designed to International Standards for use globally
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com