Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4B-6117N Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # D4B-6117N
Description  Snap-action contact with certified direct opening operation certification
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4B-6117N Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button D4B-6117N Datasheet HTML 3Page - Omron Electronics LLC D4B-6117N Datasheet HTML 4Page - Omron Electronics LLC D4B-6117N Datasheet HTML 5Page - Omron Electronics LLC D4B-6117N Datasheet HTML 6Page - Omron Electronics LLC D4B-6117N Datasheet HTML 7Page - Omron Electronics LLC D4B-6117N Datasheet HTML 8Page - Omron Electronics LLC D4B-6117N Datasheet HTML 9Page - Omron Electronics LLC D4B-6117N Datasheet HTML 10Page - Omron Electronics LLC D4B-6117N Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
D4B-
@N
Engineering Data
Electrical Durability (Snap-action)
(Ambient temperature: 5 to 30°C, ambient humidity: 40 to 70%)
Structure and Nomenclature
Structure
250 VAC
125 VAC
1,000
1,000
500
500
300
300
100
100
50
50
30
30
10
10
480 VAC
250 VAC
500 VAC
(cos
φ = 1)
(cos
φ = 0.4)
Switching current (A)
Switching current (A)
Operating frequencies:
30 times/min., cos
φ = 1
Operating frequencies:
30 times/min., cos
φ = 0.4
The operating position indicator plate
Size
Box
Pg13.5
G1/2
1/2-14NPT
Note: NBR is used for rubber parts.
1-conduit model 2-conduit model
Head
Conduit Opening
Roller
Ground Screw
Ground screws are provided on all
models for increased safety.
Lever (Form Lock Structure)
Seal Ring
Can be connected in any of four directions (except for
Roller Plunger Models, which can be connected at either
of 2 directions that differ by 90°)
The roller lever switch employs a
system which allows
selection of operation on only one
side (left or right)
or both sides without the use of
any tools.
Models are available with a wide range of conduits.
Nylon rollers used for superior resistance to wear.
The lever has an operating position indication plate
and grooves that mate every 90° to prevent slipping
between the rotary axis and lever.
Built-in Switch
Direct opening mechanism used for NC contact to
separate contact for faults, such as contact welding.
The heights of the NC and NO terminals are different
to enable easier wiring.
Cover
Sealing properties improved by using a X ring and
bearing-free structure.
Yes
Yes
Yes
Yes
Yes
Yes


Similar Part No. - D4B-6117N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRA OMRON-D4BL-1CRA Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRA-A OMRON-D4BL-1CRA-A Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRB OMRON-D4BL-1CRB Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRB-A OMRON-D4BL-1CRB-A Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
More results

Similar Description - D4B-6117N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS OMRON-D4BS_08 Datasheet
1Mb / 9P
   The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
logo
Omron Electronics LLC
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com