Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-5500 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-5500
Description  Quick Assembly Two and Three Channel Optical Encoders
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-5500 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HEDS-5500 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-5500 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-5500 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-5500 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDS-5500 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HEDS-5500 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HEDS-5500 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HEDS-5500 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HEDS-5500 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Connectors
Manufacturer
Part Number
AMP
103686-4
640442-5
Avago (designed to mechanically lock into the
HEDS-5XXX, HEDM-5X0X Series)
HEDS-8902 (2 ch.) with 4-wire leads
HEDS-8903 (3 ch.) with 5-wire leads
Molex
2695 series with 2759 series term.
Single ended cable connector P/N : 0050579405 and P/N : 0016020097.
Figure 5. HEDS-8902 nd 8903 connectors
Protective Silicon Cover
Protective Silicon Rubber cover gives an extra protection
for HEDS-5xx0 and HEDM-5xx0 family when operating in
dusty environment.
The protective silicon cover is installed to HEDS-5xx0
or HEDM-5xx0 prior to the connector to the encoder is
installed.
Part Number
HEDS-8907-001
Material
Silicon Rubber- Semi transparent-ESD
protective material
Used With
HEDS-5xx0 and HEDM-5xx0
Temperature Range
-40ºC to 100ºC
31.40
1.236
14.00
.551
1. Dimensions are in
2. All tolerances are within ±0.5
millimeters
Inches


Similar Part No. - HEDS-5500

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-5500 HP-HEDS-5500 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500 AVAGO-HEDS-5500 Datasheet
112Kb / 4P
   Motion Sensing Products, Optical Encoder Modules
HEDS-5500 AVAGO-HEDS-5500 Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500 AVAGO-HEDS-5500 Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500 AVAGO-HEDS-5500 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
More results

Similar Description - HEDS-5500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
AEDM-5XXX AVAGO-AEDM-5XXX Datasheet
351Kb / 9P
   Quick Assembly High Resolution Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com