Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV71328PDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71328PDBVT
Description  Capacitor-Free, 150-mA, Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71328PDBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV71328PDBVT Datasheet HTML 1Page - Texas Instruments TLV71328PDBVT Datasheet HTML 2Page - Texas Instruments TLV71328PDBVT Datasheet HTML 3Page - Texas Instruments TLV71328PDBVT Datasheet HTML 4Page - Texas Instruments TLV71328PDBVT Datasheet HTML 5Page - Texas Instruments TLV71328PDBVT Datasheet HTML 6Page - Texas Instruments TLV71328PDBVT Datasheet HTML 7Page - Texas Instruments TLV71328PDBVT Datasheet HTML 8Page - Texas Instruments TLV71328PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TLV713
TLV713P
www.ti.com
SBVS195D – SEPTEMBER 2012 – REVISED JULY 2013
ELECTRICAL CHARACTERISTICS
At operating temperature range (TA = –40°C to +85°C), TA = +25°C, VIN = VOUT(NOM) + 0.5 V or 2.0 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and COUT = 0.47 µF, unless otherwise noted.
TLV713
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
1.4
5.5
V
VOUT
Output voltage range
1.0
3.3
V
VOUT ≥ 1.8 V, TA = +25°C
–1
1
%
VOUT < 1.8 V, TA = +25°C
–20
20
mV
DC output accuracy
VOUT ≥ 1.2 V, –40°C ≤ TA ≤ +85°C
–1.5
1.5
%
VOUT < 1.2 V, –40°C ≤ TA ≤ +85°C
–50
50
mV
ΔVO/VIN
Line regulation
1
5
mV
ΔVO/IOUT
Load regulation
0 mA
≤ IOUT ≤ 150 mA
10
30
mV
1.8 V
≤ VOUT < 2.1 V, IOUT = 30 mA
70
mV
1.8 V
≤ VOUT < 2.1 V, IOUT = 150 mA
350
575
mV
2.1 V
≤ VOUT < 2.5 V, IOUT = 30 mA
90
mV
2.1 V
≤ VOUT < 2.5 V, IOUT = 150 mA
290
481
mV
2.5 V
≤ VOUT < 3.0 V, IOUT = 30 mA
50
mV
VDO
Dropout voltage
VOUT = 0.98 × VOUT(NOM)
2.5 V
≤ VOUT < 3.0 V, IOUT = 150 mA
246
445
mV
3.3 V
≤ VOUT < 3.6 V, IOUT = 30 mA
46
mV
3.3 V
≤ VOUT < 3.6 V, IOUT = 150 mA
230
420
mV
1.0 V
≤ VOUT < 1.8 V, IOUT = 150 mA
600
900
mV
VOUT = 1.1 V, IOUT = 100 mA
470
600
mV
IGND
Ground pin current
IOUT = 0 mA
50
75
µA
ISHDN
Shutdown current
VEN ≤ 0.4 V, 2.0 V ≤ VIN ≤ 5.5 V, TA = +25°C
0.1
1
µA
f = 100 Hz
70
dB
Power-supply rejection VIN = 3.3 V, VOUT = 2.8 V,
PSRR
f = 10 kHz
55
dB
ratio
IOUT = 30 mA
f = 1 MHz
55
dB
VNOISE
Output noise voltage
BW = 100 Hz to 100 kHz, VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA
55
µVRMS
tSTR
Startup time(1)
COUT = 1.0 μF, IOUT = 150 mA
100
µs
VHI
Enable high (enabled)
0.9
VIN
V
VLO
Enable low (disabled)
0
0.4
V
IEN
EN pin current
EN = 5.5 V
0.01
µA
Pull-down resistor
RPULLDOWN
VIN = 4 V
120
Ω
(TLV713P only)
Operating junction
TJ
–40
+125
°C
temperature
VIN = 3.8 V, VOUT = 3.3 V
180
mA
ILIM
Output current limit
VIN = 2.25 V, VOUT = 1.8 V
180
mA
VIN = 2.0 V, VOUT = 1.2 V
180
mA
ISC
Short-circuit current
VOUT = 0 V
40
mA
Shutdown, temperature increasing
158
°C
TSD
Thermal shutdown
Reset, temperature decreasing
140
°C
(1)
Startup time is the time from EN assertion to (0.98 × VOUT(nom)).
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV713 TLV713P


Similar Part No. - TLV71328PDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71325PQDBVRQ1 TI-TLV71325PQDBVRQ1 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Similar Description - TLV71328PDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV733P TI1-TLV733P_16 Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
Texas Instruments
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com