Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4B-4A16N Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # D4B-4A16N
Description  Snap-action contact with certified direct opening operation certification
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4B-4A16N Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button D4B-4A16N Datasheet HTML 6Page - Omron Electronics LLC D4B-4A16N Datasheet HTML 7Page - Omron Electronics LLC D4B-4A16N Datasheet HTML 8Page - Omron Electronics LLC D4B-4A16N Datasheet HTML 9Page - Omron Electronics LLC D4B-4A16N Datasheet HTML 10Page - Omron Electronics LLC D4B-4A16N Datasheet HTML 11Page - Omron Electronics LLC D4B-4A16N Datasheet HTML 12Page - Omron Electronics LLC D4B-4A16N Datasheet HTML 13Page - Omron Electronics LLC D4B-4A16N Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
D4B-
@N
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
*1. Be sure to adjust the dog to within 40 mm from the top end of the coil spring.
*2. In terms of construction, the Switch is a General-purpose Limit Switch rather than a Safety Limit Switch.
Operating characteristics
Model
D4B-
@@70N
D4B-
@@71N
Operating force
Release force
Pretravel
Overtravel
Movement differential
Direct opening travel
Direct opening force
Total travel
OF max.
RF min.
PT max.
PT (2nd)
*1 *3
OT min.
MD max.
*2
DOT min.
*4
DOF min.
*4
TT
*3
18.63 N
1.96 N
2 mm
(3 mm)
5 mm
1 mm
3.2 mm
49.03 N
(7 mm)
18.63 N
1.96 N
2 mm
(3 mm)
5 mm
1 mm
3.2 mm
49.03N
(7 mm)
Note: Variation occurs in the simultaneity of
contact opening/closing operations of
2NC contacts. Check contact
operation.
*1. Only for slow-action models.
*2. Only for snap-action models.
*3. Reference values.
*4. Must be provided to ensure safe
operation.
Free position
Operating position
FP max.
OP
38 mm
35±1 mm
51 mm
48±1 mm
Operating characteristics
Model
D4B-
@@81N
D4B-
@@87N
Note: Variation occurs in the simultaneity of
contact opening/closing operations of
2NC contacts. Check contact
operation.
Operating force
Pretravel
OF max.
PT max.
1.47 N
15°
1.47 N
15°
OP
PT
8
5.3
7.3
43
15
31.5
97
77
74
16
20
60±0.2
30±0.2
Conduit opening
40
+1
0
9.2 dia.
Cover
Stainless steel
plunger
Two, 5.3-dia.
mounting holes
Two, M4
× 12 cover
mounting screws
Four, M3.5
× 19.5
head
mounting screws
Top Plunger
D4B-
@@70N
Top Roller Plunger
D4B-
@@71N
OP
PT
8
5.3
7.3
43
15
31.5
97
77
74
20
16
60±0.2
30±0.2
Conduit opening
40
+1
0
9.2 dia.
Cover
12.7 dia.
× 4.8
stainless steel roller
Two, 5.3-dia.
mounting holes
Two, M4
× 12 cover
mounting screws
Four, M3.5
× 19.5
head
mounting screws
Coil Spring (Non-directional)
*2
D4B-
@@81N
29.1
8
5.3
7.3
43
15
31.5
77
2.7
74
16
15.7
203.5±1.2
60±0.2
30±0.2
Conduit
opening
40
+1
0
18.2 dia.
Seal cap
Stainless steel coil spring
6.6 dia.
Cover
(40)
*1
Four, M3.5
× 7
mounting screws
Two, 5.3-dia.
mounting holes
Two, M4
× 12 cover
mounting screws
The Switch can be
actuated in any
direction except to
the axis center.
Plastic Rod (Non-directional)
*2
D4B-
@@87N
29.1
8
5.3
7.3
43
15
31.5
77
2.7
74
16
15.7
203.5±1.2
60±0.2
30±0.2
Conduit
opening
40
+1
0
18.2 dia.
(40)
*1
6.6 dia.
Plastic rod
Seal cap
Cover
Four, M3.5
× 7
head mounting
screws
Two, 5.3-dia.
mounting holes
Two, M4
× 12 cover
mounting screws
The Switch can be
actuated in any
direction except to
the axis center.


Similar Part No. - D4B-4A16N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRA OMRON-D4BL-1CRA Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRA-A OMRON-D4BL-1CRA-A Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRB OMRON-D4BL-1CRB Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRB-A OMRON-D4BL-1CRB-A Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
More results

Similar Description - D4B-4A16N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS OMRON-D4BS_08 Datasheet
1Mb / 9P
   The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
logo
Omron Electronics LLC
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com