Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2946DTRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2946DTRG4
Description  MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2946DTRG4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC2946DTRG4 Datasheet HTML 1Page - Texas Instruments UCC2946DTRG4 Datasheet HTML 2Page - Texas Instruments UCC2946DTRG4 Datasheet HTML 3Page - Texas Instruments UCC2946DTRG4 Datasheet HTML 4Page - Texas Instruments UCC2946DTRG4 Datasheet HTML 5Page - Texas Instruments UCC2946DTRG4 Datasheet HTML 6Page - Texas Instruments UCC2946DTRG4 Datasheet HTML 7Page - Texas Instruments UCC2946DTRG4 Datasheet HTML 8Page - Texas Instruments UCC2946DTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
UCC2946
UCC3946
SLUS247F − APRIL 1997 − REVISED NOVEMBER 2007
5
www.ti.com
APPLICATION INFORMATION
PROGRAMMING THE RESET VOLTAGE AND RESET PERIOD
The UCCx946 allows the reset trip voltage to be programmed with two external resistors. In most applications
VDD is monitored by the reset circuit, however, the design allows voltages other than VDD to be monitored.
Referring to Figure 2, the voltage below which reset is asserted is determined by:
V
RESET + 1.235
R1
) R2
R2
In order to keep quiescent currents low, resistor values in the megaohm range can be used for R1 and R2. A
manual reset can be easily implemented by connecting a momentary push switch in parallel with R2. RES is
ensured to be low with VDD voltages as low as 1 V.
UDG−98002
6
7
WDI
WP
8
VDD
3
5
POWER TO
CIRCUITRY
WDO
GND
EDGE DETECT
WATCHDOG
TIMING
100 mV
2
RTH
4
RP
400 nA
POWER
ON RESET
VDD
RESET
NMI
I/O
uP
RES
+
+
+
+
SQ
Q
R
1.235 V
S
Q
QR
R2
R1
400 nA
1.235 V
A3
A2
A1
A0
CLK
CLR
8−BIT
COUNTER
SQ
Q
R
1
CRP
CWP
Figure 2. Typical Application Diagram
(1)


Similar Part No. - UCC2946DTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2946 TI-UCC2946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC2946TPWRQ1 TI1-UCC2946TPWRQ1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
More results

Similar Description - UCC2946DTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
R5101G RICOH-R5101G Datasheet
330Kb / 17P
   Microprocessor power management with Watchdog Timer
logo
Texas Instruments
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
logo
Maxim Integrated Produc...
MAX16152 MAXIM-MAX16152 Datasheet
405Kb / 20P
   nanoPower Supervisor and Watchdog Timer
Rev 0; 4/2019
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Texas Instruments
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852-Q1 TI1-TPS3852-Q1 Datasheet
503Kb / 28P
[Old version datasheet]   High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com