Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3886NG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # UC3886NG4
Description  Average Current Mode PWM Controller IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3886NG4 Datasheet(HTML) 2 Page - Texas Instruments

  UC3886NG4 Datasheet HTML 1Page - Texas Instruments UC3886NG4 Datasheet HTML 2Page - Texas Instruments UC3886NG4 Datasheet HTML 3Page - Texas Instruments UC3886NG4 Datasheet HTML 4Page - Texas Instruments UC3886NG4 Datasheet HTML 5Page - Texas Instruments UC3886NG4 Datasheet HTML 6Page - Texas Instruments UC3886NG4 Datasheet HTML 7Page - Texas Instruments UC3886NG4 Datasheet HTML 8Page - Texas Instruments UC3886NG4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
UC2886
UC3886
CONNECTION DIAGRAM
DIL-16, SOIC-16 (Top View)
N or D Packages
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
Output Current
CAM, COMMAND, VSENSE, ISN, ISP . . . . . . . . . . . . . ± 1A
Analog Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 7V
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperatue (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
Currents are positive into, negative out of the specified terminal.
Consult Packaging Section of Databook for thermal limitations
and considerations of packages.
ELECTRICAL CHARACTERISTICS Unless otherwise specified, VCC = 12V, VCOMMAND = 3.0V, CT = 1nF, RT = 10k,
TA =TJ = 0°C < TA < 70°C for the UC3886. (Note: –25°C < TA < 85°C for the UC2886,
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Overall
Supply Current
VCC = 11V, Gate Open
10
15
mA
VCC = 9.3V
5
mA
Undervoltage Lockout
Start Threshold
9.7
10.3
10.8
V
UVLO Hysteresis
0.25
0.4
V
Voltage Error Amplifier
Input Offset Voltage
VCM = 3.0V (UC3886)
4
mV
VCM = 3.0V (UC2886)
15
mV
Input Bias Current
VCM = 3.0V
−2
µA
Input Offset Current
VCM = 3.0V (UC3886)
0.01
µA
VCM = 3.0V (UC2886)
0.1
µA
Open Loop Gain
2.5V < VCOMP < 3.5V
60
85
dB
Common-Mode Rejection Ratio
2V < VCOMP < 4V
60
85
dB
Power Supply Rejection Ratio
11V < VCC < 15V
60
85
dB
Output High Voltage (Clamp)
ICOMP = –100µA (UC3886)
3.95
4
4.05
V
ICOMP = –100µA (UC2886)
3.9
4.1
V
Output Low Voltage (Clamp)
ICOMP = 100µA
1.9
2.7
V
Output Sink Current
VCOMP = 3.7V
0.9
mA
Output Source Current
VCOMP = 2.8V
–0.15
−0.25
mA
Gain-Bandwidth Product
F = 100kHz
2
3.5
MHz
5.0V Reference
Output Voltage
IVREF = 1.0mA
4.9
5
5.1
V
Total Variation
Line, Load, Temperature
4.825
5.175
V
Line Regulation
11V < VCC < 15V
10
mV
Load Regulation
0 < IVREF < 2mA
15
mV
Short Circuit Current
–10
−40
mA


Similar Part No. - UC3886NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3886 TI-UC3886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC3886 TI1-UC3886 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC3886DTR TI1-UC3886DTR Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
More results

Similar Description - UC3886NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1886 TI-UC1886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com