Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3886D Datasheet(PDF) 6 Page - Texas Instruments

Part # UC3886D
Description  Average Current Mode PWM Controller IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3886D Datasheet(HTML) 6 Page - Texas Instruments

  UC3886D Datasheet HTML 1Page - Texas Instruments UC3886D Datasheet HTML 2Page - Texas Instruments UC3886D Datasheet HTML 3Page - Texas Instruments UC3886D Datasheet HTML 4Page - Texas Instruments UC3886D Datasheet HTML 5Page - Texas Instruments UC3886D Datasheet HTML 6Page - Texas Instruments UC3886D Datasheet HTML 7Page - Texas Instruments UC3886D Datasheet HTML 8Page - Texas Instruments UC3886D Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
UC2886
UC3886
Enabling/Disabling the UC3886 Gate Drive
The CAO/ENBL pin can be used to Disable the UC3886
gate drive by forcing this pin below 0.8V, as shown.
Bringing the voltage below the valley of the PWM oscil-
lator ramp will insure a 0% duty cycle, effectively dis-
abling the gate drive. A low noise open collector signal
should be used as an Enable/Disable command.
APPLICATION INFORMATION (cont.)
Figure 5. Configuring the Current Sense Amplifier
UDG-96024
Figure 6. Enabling/Disabling the UC3886
UDG-96023
Figure 7. The UC3886 Configured in a Buck Regulator
TYPICAL APPLICATIONS
UDG-96025


Similar Part No. - UC3886D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3886DTR TI1-UC3886DTR Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
More results

Similar Description - UC3886D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1886 TI-UC1886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com