Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75115QPWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75115QPWPR
Description  FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75115QPWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS75115QPWPR Datasheet HTML 1Page - Texas Instruments TPS75115QPWPR Datasheet HTML 2Page - Texas Instruments TPS75115QPWPR Datasheet HTML 3Page - Texas Instruments TPS75115QPWPR Datasheet HTML 4Page - Texas Instruments TPS75115QPWPR Datasheet HTML 5Page - Texas Instruments TPS75115QPWPR Datasheet HTML 6Page - Texas Instruments TPS75115QPWPR Datasheet HTML 7Page - Texas Instruments TPS75115QPWPR Datasheet HTML 8Page - Texas Instruments TPS75115QPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
www.ti.com
DESCRIPTION, CONTINUED
ABSOLUTE MAXIMUM RATINGS
(1)
TPS751xxQ
TPS753xxQ
SLVS241C – MARCH 2000 – REVISED OCTOBER 2007
For the TPS751xxQ, the power-good terminal (PG) is an active high, open drain output for use with a power-on
reset or a low-battery indicator.
The RESET (SVS, POR, or power on reset) output of the TPS753xxQ initiates a reset in microcomputer and
microprocessor systems in the event of an undervoltage condition. An internal comparator in the TPS753xxQ
monitors the output voltage of the regulator to detect an undervoltage condition on the regulated output voltage.
When the output reaches 95% of its regulated voltage, RESET goes to a high-impedance state after a 100-ms
delay. RESET goes to a logic-low state when the regulated output voltage is pulled below 95% (that is, during an
overload condition) of its regulated voltage.
The TPS751xxQ and TPS753xxQ are offered in 1.5 V, 1.8 V, 2.5 V and 3.3 V fixed-voltage versions and in an
adjustable version (programmable over the range of 1.5 V to 5 V). Output voltage tolerance is specified as a
maximum of 2% over line, load, and temperature ranges. The TPS751xxQ and TPS753xxQ families are
available in a 20-pin TSSOP (PWP) package.
blank
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
(2)
TPS751xxyyyz, TPS753xxyyyz
XX is nominal output voltage (for example, 15 = 1.5 V, 01 = Adjustable(3)).
YYY is package designator.
Z is package quantity.
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Custom fixed output voltages are available; minimum order quantities may apply. Contact factory for details and availability.
(3)
The TPS75x01 is programmable using an external resistor divider (see Application Information).
Over operating temperature range (unless otherwise noted).
PARAMETER
TPS751xxQ, TPS753xxQ
UNIT
Input voltage range, VIN
(2)
–0.3 to +6
V
Voltage range at EN
–0.3 to +16.5
V
Maximum PG voltage (TPS751xxQ)
16.5
V
Maximum RESET voltage (TPS753xxQ)
16.5
V
Peak output current
Internally limited
Continuous total power dissipation
See Dissipation Ratings Table
Output voltage range at OUT, FB
5.5
V
Operating virtual junction temperature range, TJ
–40 to +125
°C
Storage junction temperature range , TSTG
–65 to +150
°C
ESD rating, HBM
2
kV
(1)
Stresses above these ratings may cause permanent damage to the device. Exposure to absolute maximum conditions for extended
periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other
conditions beyond those specified is not implied.
(2)
All voltages are with respect to network terminal ground.
2
Submit Documentation Feedback
Copyright © 2000–2007, Texas Instruments Incorporated


Similar Part No. - TPS75115QPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75115QPWPR TI-TPS75115QPWPR Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75115QPWPR TI1-TPS75115QPWPR Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75115QPWPR TI1-TPS75115QPWPR Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75115QPWPRG4 TI-TPS75115QPWPRG4 Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75115QPWPRG4 TI1-TPS75115QPWPRG4 Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75115QPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101-Q1 TI1-TPS75101-Q1 Datasheet
448Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com