Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV713185PDBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV713185PDBVR
Description  Capacitor-Free, 150-mA, Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV713185PDBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV713185PDBVR Datasheet HTML 7Page - Texas Instruments TLV713185PDBVR Datasheet HTML 8Page - Texas Instruments TLV713185PDBVR Datasheet HTML 9Page - Texas Instruments TLV713185PDBVR Datasheet HTML 10Page - Texas Instruments TLV713185PDBVR Datasheet HTML 11Page - Texas Instruments TLV713185PDBVR Datasheet HTML 12Page - Texas Instruments TLV713185PDBVR Datasheet HTML 13Page - Texas Instruments TLV713185PDBVR Datasheet HTML 14Page - Texas Instruments TLV713185PDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
OUT
GND
V
IN
0.1 F
m
IN
EN
0.1 F
m
V
(1.8 V to 3.6 V)
OUT
MSP430
TLV713
TLV713P
www.ti.com
SBVS195D – SEPTEMBER 2012 – REVISED JULY 2013
POWERING THE MSP430 MICROCONTROLLER
Figure 24 shows a diagram of the TLV713 powering an MSP430 microcontroller. Several versions of the TPS713
are ideal for powering the MSP430 microcontroller. Table 1 shows potential applications of some voltage
versions.
Figure 24. TLV713 Powering a Microcontroller
Table 1. Typical MSP430 Applications
DEVICE
VOUT (Typ)
APPLICATION
VOUT, minimum > 1.8 V required by many MSP430s, allows lowest power consumption
TLV71319
1.9 V
operation
TLV71323
2.3 V
VOUT, minimum > 2.2 V required by some MSP430s FLASH operation
TLV71330
3.0 V
VOUT, minimum > 2.7 V required by some MSP430s FLASH operation
DROPOUT VOLTAGE
The TLV713 uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout
voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-output resistance is the
RDS(ON) of the PMOS pass element. VDO scales approximately with output current because the PMOS device
behaves like a resistor in dropout. As with any linear regulator, PSRR and transient response are degraded as
(VIN – VOUT) approaches dropout.
TRANSIENT RESPONSE
As with any regulator, increasing the size of the output capacitor reduces over- and undershoot magnitude but
increases the duration of the transient response.
UNDERVOLTAGE LOCKOUT (UVLO)
The TLV713 uses an undervoltage lockout (UVLO) circuit to keep the output shut off until the internal circuitry
operates properly.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV713 TLV713P


Similar Part No. - TLV713185PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71318PQDBVRQ1 TI-TLV71318PQDBVRQ1 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Similar Description - TLV713185PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV733P TI1-TLV733P_16 Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
Texas Instruments
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com