Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4B-4B1RN Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # D4B-4B1RN
Description  Snap-action contact with certified direct opening operation certification
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4B-4B1RN Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button D4B-4B1RN Datasheet HTML 2Page - Omron Electronics LLC D4B-4B1RN Datasheet HTML 3Page - Omron Electronics LLC D4B-4B1RN Datasheet HTML 4Page - Omron Electronics LLC D4B-4B1RN Datasheet HTML 5Page - Omron Electronics LLC D4B-4B1RN Datasheet HTML 6Page - Omron Electronics LLC D4B-4B1RN Datasheet HTML 7Page - Omron Electronics LLC D4B-4B1RN Datasheet HTML 8Page - Omron Electronics LLC D4B-4B1RN Datasheet HTML 9Page - Omron Electronics LLC D4B-4B1RN Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
D4B-
@N
Ratings
Note: 1. The above values are continuous currents.
2. Inductive loads have a power factor of 0.4 or higher (AC) or a time constant of 7 ms or lower (DC).
3. Lamp loads have a inrush current of 10 times the normal current.
4. Motor loads have a inrush current of 6 times the normal current.
Characteristics
Note: 1. The above values are initial values.
2. The above values may vary depending on the model. Consult your OMRON sales representative for details.
*1. The degree of protection is tested using the method specified by the standard (EN60947-5-1). Confirm that sealing properties are sufficient for
the operating conditions and environment beforehand.
*2. The durability is for an ambient temperature of 5 to 35°C and ambient humidity of 40% to 70%. For further conditions, consult your OMRON
sales representative.
*3. –20 to 80°C for the flexible-rod type.
*4. The above values may vary depending on switching frequency, environmental condition, and relativity level, consult your OMRON sales
representative.
Rated voltage (V)
Non-inductive load (A)
Inductive load (A)
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
250
400
10
10
10
3
2
1.5
1.5
1
0.8
10
10
3
5
3
1.5
2.5
1.5
0.8
8 VDC
14
30
125
250
10
10
6
0.8
0.4
6
6
4
0.2
0.1
3
3
3
0.2
0.1
10
10
6
0.8
0.4
6
6
4
0.2
0.1
Inrush current
30 A max.
Degree of protection
*1
IP67 (EN60947-5-1)
Durability
*2
Mechanical
30,000,000 operations min. (snap-action)
10,000,000 operations min. (slow-action)
Electrical
500,000 operations min. (10 A resistive load at 250 VAC)
Operating speed
1 mm/s to 0.5 m/s
Operating frequency
Mechanical
120 operations/minute
Electrical
30 operations/minute
Contact resistance
25 m
Ω max.
Minimum applicable load
*4
General load
180 mA resistive load at 5 VAC
Gold-clad contact 20 mA resistive load at 5 VAC
(N-level reference value)
Rated insulation voltage (Ui)
600 V (EN60947-5-1)
Rated frequency
50/60 Hz
Protection against electric shock
Class I (with ground terminal)
Pollution degree (operating environment)
3 (EN60947-5-1)
Impulse withstand voltage
(EN60947-5-1)
Between terminals
of same polarity
2.5 kV (snap-action)/4 kV (slow-action)
Between terminals
of different polarity
4 kV (slow-action)
Between each
terminal and ground
4 kV
Insulation resistance
100 M
Ω min. (at 500 VDC) between terminals of the same polarity and between each
terminal and non-current-carrying part
Contact gap
2
× 2 mm min. (slow-action)
2
× 0.5 mm min. (snap-action)
Vibration resistance
Malfunction
10 to 55 Hz, 0.75 mm single amplitude
Shock resistance
Destruction
1,000 m/s2 min.
Malfunction
300 m/s2 min.
Conditional short-circuit current
100 A (EN60947-5-1)
Conventional enclosed thermal current (Ithe)
20 A (EN60947-5-1)
Ambient operating temperature
–40 to 80
°C (with no icing) *3
Ambient operating humidity
95% max.
Weight
Approx. 250 g


Similar Part No. - D4B-4B1RN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRA OMRON-D4BL-1CRA Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRA-A OMRON-D4BL-1CRA-A Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRB OMRON-D4BL-1CRB Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRB-A OMRON-D4BL-1CRB-A Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
More results

Similar Description - D4B-4B1RN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS OMRON-D4BS_08 Datasheet
1Mb / 9P
   The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
logo
Omron Electronics LLC
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com