Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV431ILPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431ILPR
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV431ILPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV431ILPR Datasheet HTML 3Page - Texas Instruments TLV431ILPR Datasheet HTML 4Page - Texas Instruments TLV431ILPR Datasheet HTML 5Page - Texas Instruments TLV431ILPR Datasheet HTML 6Page - Texas Instruments TLV431ILPR Datasheet HTML 7Page - Texas Instruments TLV431ILPR Datasheet HTML 8Page - Texas Instruments TLV431ILPR Datasheet HTML 9Page - Texas Instruments TLV431ILPR Datasheet HTML 10Page - Texas Instruments TLV431ILPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
TLV431, TLV431A, TLV431B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS139T − JULY 1996 − REVISED JUNE 2007
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV431A electrical characteristics at 25
°C free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLV431A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
1.228
1.24
1.252
V
Reference voltage
VKA = VREF,
TA = full range
TLV431AC
1.221
1.259
V
VREF
Reference voltage
VKA = VREF,
IK = 10 mA
TA = full range
(see Note 3 and
TLV431AI
1.215
1.265
V
(see Note 3 and
Figure 1)
TLV431AQ
1.209
1.271
V
d
i ti
f ll
V
V
I
10
A
TLV431AC
4
12
VREF(dev)
VREF deviation over full
temperature range (see Note 4)
VKA = VREF, IK = 10 mA
(see Note 3 and Figure 1)
TLV431AI
6
20
mV
VREF(dev)
temperature range (see Note 4)
(see Note 3 and Figure 1)
TLV431AQ
11
31
mV
∆VREF
∆VKA
Ratio of VREF change in cathode
voltage change
VKA = VREF to 6 V, IK = 10 mA (see Figure 2)
− 1.5
− 2.7
mV/V
Iref
Reference terminal current
IK = 10 mA, R1 = 10 kΩ, R2 = open (see Figure 2)
0.15
0.5
µA
I
d
i ti
f ll
I
10
A R1
10 k
Ω R2
TLV431AC
0.05
0.3
Iref(dev)
Iref deviation over full
temperature range (see Note 4)
IK = 10 mA, R1 = 10 kΩ, R2 = open
(see Note 3 and Figure 2)
TLV431AI
0.1
0.4
µA
Iref(dev)
temperature range (see Note 4)
(see Note 3 and Figure 2)
TLV431AQ
0.15
0.5
µA
I
Minimum cathode current for
V
V
(see Figure 1)
TLV431AC/AI
55
80
A
IK(min)
Minimum cathode current for
regulation
VKA = VREF (see Figure 1)
TLV431AQ
55
100
µA
IK(off)
Off-state cathode current
VREF = 0, VKA = 6 V (see Figure 3)
0.001
0.1
µA
|zKA|
Dynamic impedance
(see Note 5)
VKA = VREF, f ≤ 1 kHz,
IK = 0.1 mA to 15 mA (see Figure 1)
0.25
0.4
NOTES:
3. Full temperature ranges are − 40
°C to 125°C for TLV431AQ, −40°C to 85°C for TLV431AI, and 0°C to 70°C for TLV431AC.
4. The deviation parameters VREF(dev) and Iref(dev) are defined as the differences between the maximum and minimum values
obtained over the rated temperature range. The average full-range temperature coefficient of the reference input voltage,
αVREF,
is defined as:
αV
REF
ppm
°C +
V
REF(dev)
V
REF (TA+25°C)
106
∆T
A
where
∆TA is the rated operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at the
lower temperature.
5. The dynamic impedance is defined as z
ka +
∆V
KA
∆I
K
When the device is operating with two external resistors (see Figure 2), the total dynamic impedance of the circuit is defined
as:
z
ka +
∆V
∆I [
z
ka
1
) R1
R2


Similar Part No. - TLV431ILPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431ILPR TI-TLV431ILPR Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431ILPR TI-TLV431ILPR Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431ILPR TI-TLV431ILPR Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431ILPR TI-TLV431ILPR Datasheet
1,013Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431ILPR TI-TLV431ILPR Datasheet
1,015Kb / 39P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TLV431ILPR

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com