Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4N-4222 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # D4N-4222
Description  Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-4222 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button D4N-4222 Datasheet HTML 4Page - Omron Electronics LLC D4N-4222 Datasheet HTML 5Page - Omron Electronics LLC D4N-4222 Datasheet HTML 6Page - Omron Electronics LLC D4N-4222 Datasheet HTML 7Page - Omron Electronics LLC D4N-4222 Datasheet HTML 8Page - Omron Electronics LLC D4N-4222 Datasheet HTML 9Page - Omron Electronics LLC D4N-4222 Datasheet HTML 10Page - Omron Electronics LLC D4N-4222 Datasheet HTML 11Page - Omron Electronics LLC D4N-4222 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
D4N
Contact Form
Note: Terminals are numbered according to EN50013 and the contact forms are according to IEC947-5-1.
* MBB (Make Before Break) contacts have an overlapping structure, so that before the normally closed contact (NC) opens, the normally open
contact (NO) closes.
Model
Contact
Contact form
Operating pattern
Remarks
D4N-
@1@
1NC/1NO
(Snap-action)
D4N-
@2@
2NC (Snap-action)
D4N-
@A@
1NC/1NO
(Slow-action)
D4N-
@B@
2NC (Slow-action)
D4N-
@C@
2NC/1NO
(Slow-action)
D4N-
@D@
3NC (Slow-action)
D4N-
@E@
1NC/1NO MBB
*
(Slow-action)
D4N-
@F@
2NC/1NO MBB
*
(Slow-action)
14
32
13
31
Zb
ON
Stroke
13-14
31-32
Only NC contacts 31-32 have a
certified direct opening
mechanism.
The terminals 13-14 and 31-32
can be used as unlike poles.
11
31
12
32
Zb
ON
Stroke
11-12
31-32
Only NC contacts 11-12 and
31-32 have a certified direct
opening mechanism.
The terminals 11-12 and 31-32
can be used as unlike poles.
11
33
12
34
Zb
ON
Stroke
11-12
33-34
Only NC contacts 11-12 have a
certified direct opening
mechanism.
The terminals 11-12 and 33-34
can be used as unlike poles.
11
31
12
32
Zb
ON
Stroke
11-12
31-32
Only NC contacts 11-12 and
31-32 have a certified direct
opening mechanism.
The terminals 11-12 and 31-32
can be used as unlike poles.
33
34
11
21
12
22
Zb
ON
Stroke
21-22
33-34
11-12
Only NC contacts 11-12 and
21-22 have a certified direct
opening mechanism.
The terminals 11-12, 21-22, and
33-34 can be used as unlike
poles.
11
21
12
22
31
32
Zb
ON
Stroke
11-12
21-22
31-32
Only NC contacts 11-12, 21-22,
and 31-32 have a certified direct
opening mechanism.
The terminals 11-12, 21-22, and
31-32 can be used as unlike
poles.
11
33
12
34
Zb
ON
Stroke
11-12
33-34
Only NC contacts 11-12 have a
certified direct opening
mechanism.
The terminals 11-12 and 33-34
can be used as unlike poles.
33
34
11
21
12
22
Zb
ON
Stroke
11-12
21-22
33-34
Only NC contacts 11-12 and
21-22 have a certified direct
opening mechanism.
The terminals 11-12, 21-22 and
33-34 can be used as unlike poles.


Similar Part No. - D4N-4222

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - D4N-4222

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Total Power Internation...
TPDU45 TOTAL-POWER-TPDU45 Datasheet
366Kb / 4P
   MEET THE SAFETY STANDARDS
logo
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
   Approved to many international standards
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
logo
Littelfuse
216.050P LITTELFUSE-216.050P Datasheet
218Kb / 2P
   Designed to International Standards for use globally
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com