Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIG252012-220 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # SIG252012-220
Description  SPECIFICATION FOR APPROVAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIG252012-220 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  SIG252012-220 Datasheet HTML 1Page - Delta Electronics, Inc. SIG252012-220 Datasheet HTML 2Page - Delta Electronics, Inc. SIG252012-220 Datasheet HTML 3Page - Delta Electronics, Inc. SIG252012-220 Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SIG252012-XXX
REVISION
: A4
PAGE
: 2 OF 11
B
C
A
5. Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown above after confirming and safety.
6. Specifications
Rdc ( mΩ)
Heat Rating Current DC
Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
Part Number
L0
Inductance
(
µH )
@ (0A)
Typical
Maximum
Typical
Maximum
Typical
Maximum
SIG252012-R22
0.22
31
38
3.50
3.15
4.50
4.05
SIG252012-R47
0.47
47
56
2.20
1.98
3.70
3.33
SIG252012-R50
0.50
56
67
2.15
1.93
3.50
3.15
SIG252012-R68
0.68
65
78
2.10
1.89
3.40
3.06
SIG252012-1R0
1.0
73
88
1.80
1.62
2.70
2.43
SIG252012-1R2
1.2
93
112
1.60
1.44
2.35
2.11
SIG252012-1R5
1.5
105
126
1.50
1.35
2.20
1.98
SIG252012-2R2
2.2
129
155
1.30
1.17
2.00
1.80
SIG252012-3R3
3.3
227
272
1.00
0.90
1.60
1.44
SIG252012-4R7
4.7
338
406
0.81
0.73
1.30
1.17
SIG252012-5R6
5.6
375
450
0.72
0.65
1.15
1.03
SIG252012-6R8
6.8
510
612
0.66
0.60
1.10
0.99
SIG252012-8R2
8.2
590
708
0.62
0.55
0.95
0.85
SIG252012-100
10.0
630
756
0.59
0.53
0.90
0.81
SIG252012-220
22.0
2,170
2,604
0.30
0.27
0.50
0.45
* :If you require another part number please contact with us.
**:Inductance Tolerance
± 20%
Note 1.: All test data is referenced to 25℃ ambient.
Note 2.: Idc : DC current (A) that will cause an approximate △T of 40℃
Note 3.: Isat : DC current (A) that will cause Lo to drop approximately 30%
Note 4.: Operating Temperature Range -55℃ to + 125℃
Note 5.: The part temperature (ambient + temp rise ) should not exceed 125℃ under worse case operating
conditions. Circuit design , component placement, PWB trace size and thickness, airflow and other
cooling provision all affect the part temperature. Part temperature should be verified in the end
application.
Note 6.:
The rated current as listed is either the saturation current or the heating current depending
on which value is lower.
A
2.1
B
0.8
C
2.6
Unit : mm


Similar Part No. - SIG252012-220

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIG252010-100 DELTA-SIG252010-100 Datasheet
72Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG252010-1R0 DELTA-SIG252010-1R0 Datasheet
72Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG252010-1R5 DELTA-SIG252010-1R5 Datasheet
72Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG252010-220 DELTA-SIG252010-220 Datasheet
72Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG252010-2R2 DELTA-SIG252010-2R2 Datasheet
72Kb / 4P
   SPECIFICATION FOR APPROVAL
More results

Similar Description - SIG252012-220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com