Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7830SCU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SPT7830SCU
Description  10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7830SCU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SPT7830SCU Datasheet HTML 1Page - Fairchild Semiconductor SPT7830SCU Datasheet HTML 2Page - Fairchild Semiconductor SPT7830SCU Datasheet HTML 3Page - Fairchild Semiconductor SPT7830SCU Datasheet HTML 4Page - Fairchild Semiconductor SPT7830SCU Datasheet HTML 5Page - Fairchild Semiconductor SPT7830SCU Datasheet HTML 6Page - Fairchild Semiconductor SPT7830SCU Datasheet HTML 7Page - Fairchild Semiconductor SPT7830SCU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
12/29/99
SPT7830
ELECTRICAL SPECIFICATIONS
TA = +25 °C, VDD = +5.0 V, VIN = 0 to +3 V, fCLK = 35 MHz, fS = 2.5 MSPS, VREF+ = +3.0 V, VREF– = 0.0 V, unless otherwise specified.
TEST
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Dynamic Performance
Effective Number of Bits
fIN = 500 kHz
IV
8.9
Bits
fIN = 1 MHz
IV
8.5
Bits
Signal-to-Noise Ratio
fIN = 500 kHz
IV
56
dB
fIN = 1 MHz
IV
55
dB
Harmonic Distortion
fIN = 500 kHz
IV
63
dB
fIN = 1 MHz
IV
58
dB
Power Supply Requirements
+VDD Supply Voltage
IV
3
5.5
V
+VDD Supply Current
VDD = +3.0 V
IV
5.4
7
mA
VDD = +5.0 V
VI
9
10
mA
Power Dissipation3
VDD = +3.0 V
IV
16
22
mW
VDD = +5.0 V
VI
45
50
mW
3 Excluding reference ladder.
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA=+25 °C, and sample
tested at the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design
and characterization data.
Parameter is a typical value for information purposes
only.
100% production tested at TA = +25 °C. Parameter is
guaranteed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI


Similar Part No. - SPT7830SCU

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7830SCU CADEKA-SPT7830SCU Datasheet
166Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
More results

Similar Description - SPT7830SCU

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7830 CADEKA-SPT7830 Datasheet
166Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7730 CADEKA-SPT7730 Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Fairchild Semiconductor
SPT7730 FAIRCHILD-SPT7730 Datasheet
62Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
List of Unclassifed Man...
SPT7810 ETC1-SPT7810 Datasheet
81Kb / 10P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7824 CADEKA-SPT7824 Datasheet
198Kb / 11P
   10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
   10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7810 CADEKA-SPT7810 Datasheet
437Kb / 9P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7814 CADEKA-SPT7814 Datasheet
3Mb / 11P
   10-BIT, 40 MSPS, ECL OUTPUT A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com