Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIQ73-471 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIQ73-471
Description  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIQ73-471 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIQ73-471 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
o
25 C , 100KHz, 0.1V for 0.45~6.8uH. 1KHz,1.0V for 10~1000uH.
SIQ73 Type
Magnetically shielded.
Ideal for power source circuits, DC-DC converter, DC-AC inverters
inductor applications.
In addition to the standard versions shown here, customized inductors
are available to meet your exact requirements.
RoHS compliant.
Features
21
SMT Power Inductor
Electrical Characteristics:
0.00
0.01
0.10
1.00
10.00
CURRENT (A)
10.00
100.00
1000.00
100
120
150.
180
220
270
330
470
560
680
820
101
390
121
151
181
221
271
331
391
471
561
681
821
102
PART NO.
DCR
( ) MAX
2
Isat
(Adc)
3
Ir
(Adc)
1
L
(uH)
1. Tolerance of inductance: 20% .
2. Isat is the DC current which cause the inductance drop less than 25% of its nominal inductance without current. ( 30% Typ. for SIQ73C)
3. Ir is the DC current which cause the surface temperature of the part increase less than 45
oC.
o
o
4. Operating temperature: -20 C to 105 C (including self-temperature rise).
F
Mechanical Dimension:
UNIT:mm/inch
A = 7.3
0.2 / 0.287
0.008
B = 7.3
0.2 / 0.287
0.008
C = 3.4 / 0.134 Max.
D = 5.0
0.2 / 0.197
0.008
E = 2.0
0.2 / 0.079
0.008
F = 1.1
0.2 / 0.043
0.008
¡Ó
¡Ó
¡Ó
¡Ó
¡Ó
¡Ó
¡Ó
¡Ó
¡Ó
¡Ó
E
C
A
B
D
4.8
2.2
1.6
RECOMMENDED PAD PATTERNS
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
SIQ73A - R45
0.45
0.0076
9.00
9.00
SIQ73A - 1R0
1.00
0.012
6.50
5.70
SIQ73 - 1R2
1.20
0.013
4.70
4.70
SIQ73C - 2R0
2.00
0.024
7.30
4.00
SIQ73A - 2R2
2.10
0.0152
20%
5.52
4.30
SIQ73C - 3R3
3.30
0.037
6.70
3.20
SIQ73 - 4R7
4.70
0.045
2.30
2.30
SIQ73C - 4R7
4.70
0.044
5.50
2.50
SIQ73C - 5R6
5.60
0.050
5.10
2.40
SIQ73C - 6R8
6.80
0.062
4.40
2.10
SIQ73 - 6R8
6.80
0.060
2.00
2.00
SIQ73 - 100
10.00
0.072
1.68
1.68
SIQ73 - 120
12.00
0.098
1.52
1.52
SIQ73 - 150
15.00
0.130
1.33
1.33
SIQ73 - 180
18.00
0.140
1.20
1.20
SIQ73 - 220
22.00
0.190
1.07
1.07
SIQ73 - 270
27.00
0.210
0.96
0.96
SIQ73 - 330
33.00
0.240
0.91
0.91
SIQ73 - 390
39.00
0.320
0.77
0.77
SIQ73 - 470
47.00
0.360
0.76
0.76
SIQ73 - 560
56.00
0.470
0.68
0.68
SIQ73 - 680
68.00
0.520
0.61
0.61
SIQ73 - 820
82.00
0.690
0.57
0.57
SIQ73 - 101
100.00
0.790
0.50
0.50
SIQ73 - 121
120.00
0.890
0.49
0.49
SIQ73 - 151
150.00
1.270
0.43
0.43
SIQ73 - 181
180.00
1.450
0.39
0.39
SIQ73 - 221
220.00
1.650
0.35
0.35
SIQ73 - 271
270.00
2.310
0.32
0.32
SIQ73 - 331
330.00
2.620
0.28
0.28
SIQ73 - 391
390.00
2.940
0.26
0.26
SIQ73 - 471
470.00
4.180
0.24
0.24
SIQ73 - 561
560.00
4.670
0.22
0.22
SIQ73 - 681
680.00
5.730
0.19
0.19
SIQ73 - 821
820.00
6.540
0.18
0.18
SIQ73 - 102
1000.00
9.440
0.16
0.16


Similar Part No. - SIQ73-471

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIQ74 DELTA-SIQ74 Datasheet
88Kb / 1P
   SMT Power Inductor
SIQ74 DELTA-SIQ74 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ74-100 DELTA-SIQ74-100 Datasheet
88Kb / 1P
   SMT Power Inductor
SIQ74-100 DELTA-SIQ74-100 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ74-101 DELTA-SIQ74-101 Datasheet
96Kb / 1P
   SMT Power Inductor
More results

Similar Description - SIQ73-471

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com