Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4N-1B20 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # D4N-1B20
Description  Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-1B20 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button D4N-1B20 Datasheet HTML 7Page - Omron Electronics LLC D4N-1B20 Datasheet HTML 8Page - Omron Electronics LLC D4N-1B20 Datasheet HTML 9Page - Omron Electronics LLC D4N-1B20 Datasheet HTML 10Page - Omron Electronics LLC D4N-1B20 Datasheet HTML 11Page - Omron Electronics LLC D4N-1B20 Datasheet HTML 12Page - Omron Electronics LLC D4N-1B20 Datasheet HTML 13Page - Omron Electronics LLC D4N-1B20 Datasheet HTML 14Page - Omron Electronics LLC D4N-1B20 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
D4N
11
Snap-action (1NC/1NO) (2NC), Slow-action (2NC) (3NC)
Slow-action (1NC/1NO) (2NC/1NO)
Model
Operating characteristics
D4N-
@131
D4N-
@231
D4N-
@B31
D4N-
@D31
D4N-
@132
D4N-
@232
D4N-
@B32
D4N-
@D32
D4N-
@162
D4N-
@262
D4N-
@B62
D4N-
@D62
D4N-
@172
D4N-
@272
D4N-
@B72
D4N-
@D72
Operating force
OF max.
6.5 N
6.5 N
5.0 N
5.0 N
Note: Variation occurs in the simultaneity
of contact opening/closing
operations of 2NC, 2NC/1NO, and
3NC contacts. Check contact
operation.
*1. Only for snap-action models.
*2. Reference value.
*3. For safe use, always make sure that
the minimum values or greater are
provided.
Release force
RF min.
1.5 N
1.5 N
0.8 N
0.8 N
Pretravel
PT max.
2 mm
2 mm
4 mm
4 mm
Overtravel
OT min.
4 mm
4 mm
5 mm
5 mm
Movement differential MD max.
*1
1 mm
1 mm
1.5 mm
1.5 mm
Operating position
OP
18.2
±0.5 mm 28.6 ±0.8 mm 37 ±0.8 mm 27 ±0.8 mm
Total travel
TT
*2
(6 mm)
(6 mm)
(9 mm)
(9 mm)
Direct opening travel DOT min.
*3
3.2 mm
3.2 mm
5.8 mm
4.8 mm
Direct opening force DOF min.
*3
20 N
20 N
20 N
20 N
Model
Operating characteristics
D4N-
@A31
D4N-
@C31
D4N-
@E31
D4N-
@F31
D4N-
@A32
D4N-
@C32
D4N-
@E32
D4N-
@F32
D4N-
@A62
D4N-
@C62
D4N-
@E62
D4N-
@F62
D4N-
@A72
D4N-
@C72
D4N-
@E72
D4N-
@F72
Operating force
OF max.
6.5 N
6.5 N
5.0 N
5.0 N
Release force
RF min.
1.5 N
1.5 N
0.8 N
0.8 N
Pretravel
PT max. (NC)
2 mm
2 mm
4 mm
4 mm
PT (NO)
*1
(2.9 mm)
(2.9 mm)
(5.2 mm)
(4.3 mm)
PT max. (NC)
*2 2.8 mm
2.8 mm
4 mm
4 mm
PT (NO)
*1, *2
(1 mm)
(1 mm)
(1.5 mm)
(1.5 mm)
Overtravel
OT min.
4 mm
4 mm
5 mm
5 mm
Operating position
OP
18.2
±0.5 mm 28.6 ±0.8 mm 37 ±0.8 mm 27 ±0.8 mm *1. Reference values.
*2. Only for MBB models. (D4N-@E@@ or
D4N-
@F@@)
*3. For safe use, always make sure that
the minimum values or greater are
provided.
OP
*2
17.4
±0.5 mm 28 ±0.8 mm 36 ±0.8 mm 26.1 ±0.8 mm
Total travel
TT
*1
(6 mm)
(6 mm)
(9 mm)
(9 mm)
Direct opening travel DOT min.
*3
3.2 mm
3.2 mm
5.8 mm
4.8 mm
Direct opening force DOF min.
*3
20 N
20 N
20 N
20 N


Similar Part No. - D4N-1B20

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - D4N-1B20

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Total Power Internation...
TPDU45 TOTAL-POWER-TPDU45 Datasheet
366Kb / 4P
   MEET THE SAFETY STANDARDS
logo
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
   Approved to many international standards
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
logo
Littelfuse
216.050P LITTELFUSE-216.050P Datasheet
218Kb / 2P
   Designed to International Standards for use globally
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com