Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83153C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 83153C
Description  Toroidal Surface Mount Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

83153C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  83153C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 83153C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMP_8300C_A02 Page 1 of 2
8300 Series
Toroidal Surface Mount Power Inductors
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Inductance3
DC Current2
Saturation Current
DC Resistance
±20%
Max.
Typ.
Max.
μH
A
A
83421C
0.42
3.00
5.69
24
83751C
0.75
2.70
4.55
30
83122C
1.2
1.70
3.36
65
83172C
1.7
1.55
2.71
73
83232C
2.3
1.40
2.35
86
83332C
3.3
1.35
1.79
98
83472C
4.7
1.10
1.66
130
83682C
6.8
0.95
1.30
150
83852C
8.5
0.85
1.15
167
83103C
10
0.75
1.04
185
83153C
15
0.60
0.85
300
83223C
22
0.50
0.74
350
83333C
33
0.42
0.59
600
83473C
47
0.35
0.48
710
83683C
68
0.30
0.41
850
83823C
82
0.27
0.37
1250
83104C
100
0.24
0.34
1320
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-40°C to 150°C
SOLDERING INFORMATION1
Peak reflow solder temperature
260°C
Pin finish
Tin
Moisture sensitivity level4
1
PACKAGE SPECIFICATIONS
Mechanical Dimensions
Package weight: 0.13g Typ.
Recommended Pad Layout
All dimensions in mm (inches)
Specifications typical at T
A
= 25°C
1 For further information, please visit www.murata-ps.com/rohs
2 The maximum DC current is the value at which the inductance falls to 75% of its nominal value or when its temperature rise reaches
40°C, whichever is sooner.
3 Quoted inductance values are stated with no load.
4 Representative samples of the product were subjected to the conditioning described in IPC/JEDEC J-STD-020D and passed electrical
testing, package coplanarity and visual inspection which revealed no external cracks or changes in package body flatness.
FEATURES
RoHS compliant
Up to 3A IDC
0.42μH to 100μH
Low RDC
Small footprint
Ultra-low profile
UL 94V-0 packaging materials
J-STD-020D reflow
Custom inductance values available
The 8300 series is a range of miniature, surface-
mount power inductors. They are designed for use
in power applications with restricted PCB space
and height, such as handheld devices, DC-DC
converters and notebook computers. The products
are supplied in tape and reel for high-volume,
automated surface-mount assembly.
PRODUCT OVERVIEW
7.80
(0.307)
Max.
5.20
(0.205) Max.
1.80
(0.071) Max.
1.50± 0.20
(0.059± 0.008)
5.85 ± 0.1
(0.23± 0.004)
5.4 (0.213)
2.0 (0.079)
7.5 (0.295)


Similar Part No. - 83153C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8315 ETC2-8315 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8315 ETC2-8315 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8315 ETC2-8315 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
8315 ETC2-8315 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
8315 ETC2-8315 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
More results

Similar Description - 83153C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_4200 MURATA-KMP_4200 Datasheet
138Kb / 3P
   Toroidal Surface Mount Inductors
logo
C&D Technologies
4000 CANDD-4000 Datasheet
192Kb / 1P
   Toroidal Surface Mount Inductors
logo
Rhombus Industries Inc.
L-15000 RHOMBUS-IND-L-15000 Datasheet
41Kb / 1P
   Surface Mount Toroidal Inductors
logo
ECM Electronics Limited...
SMTC30 ECM-SMTC30 Datasheet
148Kb / 1P
   Surface Mount Toroidal Inductors
logo
Murata Power Solutions ...
4100 MURATA-PS-4100 Datasheet
186Kb / 2P
   Toroidal Surface Mount Inductors
logo
C&D Technologies
4100 CANDD-4100 Datasheet
172Kb / 1P
   Toroidal Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_4000 MURATA-KMP_4000 Datasheet
103Kb / 2P
   Toroidal Surface Mount Inductors
KMP_4100 MURATA-KMP_4100 Datasheet
114Kb / 2P
   Toroidal Surface Mount Inductors
logo
ECM Electronics Limited...
SMTC ECM-SMTC Datasheet
152Kb / 1P
   ECM Surface Mount Toroidal Inductors
logo
Murata Manufacturing Co...
KMP_4300 MURATA-KMP_4300 Datasheet
136Kb / 3P
   Dual Winding Toroidal Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com