Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIQ126R-2R0 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIQ126R-2R0
Description  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIQ126R-2R0 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIQ126R-2R0 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
o
25 C, 100KHz, 0.1V
SMT Power Inductor
SIQ126R Type
34
Electrical Characteristics:
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
Irms
(Adc)
3
Isat
(Adc) Max.
2
L
(uH)
1
PART NO.
DCR
(m ) Max.
SIQ126R - 0R8
0.8
5.0
22.00
22.00
SIQ126R - 1R3
1.3
6.0
18.00
18.00
SIQ126R - 2R0
2.0
7.0
15.00
15.00
SIQ126R - 2R7
2.7
8.0
13.00
13.00
SIQ126R - 3R5
3.5
9.0
11.00
11.00
SIQ126R - 4R5
4.5
11.0
10.00
10.00
SIQ126R - 5R7
5.7
13.0
9.00
9.00
SIQ126R - 6R8
6.8
16.0
8.00
8.00
SIQ126R - 8R2
8.2
17.0
7.50
7.50
SIQ126R - 100
10.0
21.0
6.50
6.50
SIQ126R - 150
15.0
30.0
5.60
5.60
SIQ126R - 180
18.0
36.0
5.00
5.00
SIQ126R - 220
22.0
41.0
4.50
4.50
SIQ126R - 330
33.0
54.0
3.60
3.60
SIQ126R - 390
39.0
66.0
3.30
3.30
SIQ126R - 470
47.0
80.0
3.20
3.20
SIQ126R - 560
56.0
100.0
2.80
2.80
SIQ126R - 820
82.0
140.0
2.40
2.40
SIQ126R - 101
100.0
180.0
2.00
2.00
SIQ126R - 151
150.0
250.0
1.60
1.60
SIQ126R - 221
220.0
340.0
1.40
1.40
SIQ126R - 331
330.0
500.0
1.15
1.15
SIQ126R - 471
470.0
750.0
0.95
0.95
SIQ126R - 561
560.0
880.0
0.88
0.88
1. Tolerance of inductance : 0.8~560uH 20%.
2. Irated is the DC current which cause the inductance drop less than 30% of its nominal inductance without current
o
and the surface temperature of the part increase less than 45 C.
oo
3. Operating temperature: -20 C to 105 C (including self-temperature rise).
RoHS compliant.
Low profile (7.0mm max. height ), high current(22A, 0.8uH) SMD type.
Magnetically shielded, suitable for high density mounting.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter, DC-AC inverters
inductor applications.
In addition to the standard versions shown here,
customized inductors are available to meet your exact requirements.
Features
Mechanical Dimension:
UNIT : mm/inch
A = 12.5 / 0.492 MAX.
B = 7.0 / 0.276 MAX.
D = 7.6
0.3 / 0.299
0.012
E = 5.0
0.2 / 0.197
0.008
C = 12.5 / 0.492 MAX.
F = 2.2
0.2 / 0.087
0.008
G = 5.4 / 0.213
H = 2.9 / 0.114
I = 7.0 / 0.276
J = 12.8 / 0.504
RECOMMENDED PAD PATTERNS
B
C
H
G
I
D
F
E
A
J
0R8
1R3
2R0
2R7
3R5
4R5
5R7
6R8
8R2
100
150
180
220
330
390
470
560
820
101
151
221
331
471
561
0
1
10
100
1000
0
1
10
100
DC BAIS(A)


Similar Part No. - SIQ126R-2R0

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIQ1210R DELTA-SIQ1210R Datasheet
132Kb / 1P
   SMT Power Inductor
SIQ1210R-101 DELTA-SIQ1210R-101 Datasheet
132Kb / 1P
   SMT Power Inductor
SIQ1210R-120 DELTA-SIQ1210R-120 Datasheet
132Kb / 1P
   SMT Power Inductor
SIQ1210R-150 DELTA-SIQ1210R-150 Datasheet
132Kb / 1P
   SMT Power Inductor
SIQ1210R-151 DELTA-SIQ1210R-151 Datasheet
132Kb / 1P
   SMT Power Inductor
More results

Similar Description - SIQ126R-2R0

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com