Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7730 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SPT7730
Description  8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7730 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SPT7730 Datasheet HTML 1Page - Fairchild Semiconductor SPT7730 Datasheet HTML 2Page - Fairchild Semiconductor SPT7730 Datasheet HTML 3Page - Fairchild Semiconductor SPT7730 Datasheet HTML 4Page - Fairchild Semiconductor SPT7730 Datasheet HTML 5Page - Fairchild Semiconductor SPT7730 Datasheet HTML 6Page - Fairchild Semiconductor SPT7730 Datasheet HTML 7Page - Fairchild Semiconductor SPT7730 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
12/19/97
SPT7730
Figure 1 - Analog Input Full-Scale Range
VREF+
6% of [(VREF+) - (VREF-)]
VREF-
+FS
-FS
4% of [(VREF+) - (VREF-)]
The drive requirements for the analog input are minimal
when compared to most other converters due to the
SPT7730’s extremely low input capacitance of only 5 pF and
very high input resistance of greater than 5 M
Ω.
If the input buffer amplifier supply voltages are greater than
VDD + 0.7 V or less than Ground - 0.7 V, the analog input
should be protected through a series resistor and a diode
clamping circuit as shown in figure 2.
Figure 2 - Recommended Input Protection Circuit
47
D1
D2
ADC
Buffer
AVDD
+V
-V
D1 = D2 = Hewlett Packard HP5712 or equivalent
INPUT PROTECTION
All I/O pads are protected with an on-chip protection circuit
shown in figure 3. This circuit provides ESD robustness to
>3.0 kV and prevents latch-up under severe discharge
conditions without degrading analog transition times.
Figure 3 - On-Chip Protection Circuit
VDD
Analog
Pad
120
120
MODES OF OPERATION
The SPT7730 has three modes of operation.The mode of
operation is based strictly on how the SC is used.
SINGLE SHOT MODE
When SC goes low, conversion starts on the next rising edge
of the clock (defined as the first conversion clock). The MSB
of data is valid 8 ns after the falling edge of the fourth
conversion clock. (See figure 8.)
The conversion is complete after 12 clock cycles. At the
falling edge of the twelfth clock cycle, if SC is high (not
selected), the data output goes to a high impedance state,
and no more conversions will take place until the next SC low
event. (See the single shot mode timing diagram in figure 4.)
SYNCHRONIZED MODE
When SC goes low, conversion will start on the next rising
edge of the clock (defined as the first conversion clock). The
MSB is valid 8 ns after the falling edge of the fourth conver-
sion clock.
The first conversion is complete after 12 clock cycles. At
any time after the falling edge of the twelfth clock cycle, SC
may go low again to initiate the next conversion. When the
SC goes low, the conversion starts on the rising edge of the
next clock. (See the synchronized mode timing diagram
in figure 5.)
The data output will go to a high impedance state until the
next conversion is initiated.
FREE RUN MODE
When SC goes low, conversion starts on the next rising edge
of the clock (defined as the first conversion clock). The MSB
data is valid 8 ns after the falling edge of the fourth conver-
sion clock.
As long as SC is held low, the device operates in the free run
mode. New conversions start after every twelfth cycle with
valid data available 8 ns after the falling edge of the fourth
clock within each new conversion cycle.
The data output remains low between conversion cycles.
(See the free run mode timing diagram in figure 6.)


Similar Part No. - SPT7730

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7730 CADEKA-SPT7730 Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7730SCS CADEKA-SPT7730SCS Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7730SCU CADEKA-SPT7730SCU Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
More results

Similar Description - SPT7730

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7730 CADEKA-SPT7730 Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Fairchild Semiconductor
SPT7830 FAIRCHILD-SPT7830 Datasheet
61Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7830 CADEKA-SPT7830 Datasheet
166Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. 0
logo
Fujitsu Component Limit...
MB40C328 FUJITSU-MB40C328 Datasheet
163Kb / 16P
   8-bit 100 MSPS A/D Converter
MB40C328V FUJITSU-MB40C328V Datasheet
167Kb / 16P
   8-bit 100 MSPS A/D Converter
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com