Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91R1C-D16-A Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 91R1C-D16-A
Description  91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

91R1C-D16-A Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  91R1C-D16-A Datasheet HTML 1Page - Bourns Electronic Solutions 91R1C-D16-A Datasheet HTML 2Page - Bourns Electronic Solutions 91R1C-D16-A Datasheet HTML 3Page - Bourns Electronic Solutions 91R1C-D16-A Datasheet HTML 4Page - Bourns Electronic Solutions 91R1C-D16-A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SEE DETAIL
FOR
SHAFT OPTIONS
10.16
(.40)
1
2
3
Model 91 PC Pin Terminals, In-Line
1
3
1
2
2
5.08
(.20)
Model 93 PC Pin Terminals, "L" Pattern
3/8 THREADLESS (9.53 mm) (STYLE "D")
3/8-32 UNEF (9.53 mm) (STYLE "A")
1/4-32 UNEF (6.35 mm) (STYLE "C")
M10 X 0.75-6g (STYLE "R")
M7 X 0.75-6g (STYLE "U")
Bushing Styles
10.16
(.40)
.41
(.016)
Model 95 Solder Lug Terminals, "Triangular" Pattern
SEE
NOTE
Shaft
Styles
*DIMENSIONS ARE IN MM
SHAFT TYPE "W"
STD. LENGTHS "L" 1"
FINGER KNURL, FOR USE
WITH BUSHING A OR D
SHAFT TYPE "R"
STD. LENGTHS "L"
(5/8),
(3/4),
(7/8)
USES BUSHING R
SHAFT TYPE "T"
STD. LENGTHS "L"
(1/2), (5/8), (7/8)
USES BUSHING U
3
1
2
4
DPST (NO/NC)
(TYPES 50, 51, 56, 57)
3
1
4
2
DPST (NC/NC)
(TYPES 54, 55, 60, 61)
3
1
DPST (NO/NO)
(TYPES 52, 53, 58, 59)
4
2
3
1
DPST (NC/NC)
(TYPES 70, 71, 72, 73)
4
5
6
2
Switch contacts shown in detent position.
22.86 ± .43
(.90 ± .017)
12.7
(.50)
.79 ± .41
(.031 ± .016)
9.53 ± .38
(.375 ± .015)
(STYLE A)
6.35 ± .38
(.250 ± .015)
(STYLE C)
15.88 ± .38
(.625 + .015)
1.37
(.054)
2.36
(.093)
11.05 ± .20
(.435 ± .008)
15.29 ± .56
(.602 ±.022)
(MODEL 91 ONLY)
DIA.
13.72
(.54)
15.88 ± .38
(.625 ± .015)
9.53 ± .38
(.375 ± .015)
.81
(.032)
DIA.
2.54
(.100)
2.54
(.100)
5.97 ± .38
(.235 ± .015)
.81
(.032)
DIA. TYP.
10.16 ± .30
(.40 ± .012)
5.08 ± .38
(.20 ± .015)
TYP.
11.05 ± .20
(.435 ± .008)
12.7 ± 1.02
(.50 ± .040)
4.45 ± .38
(.175 ± .015)
5.59 ± .20
(.220 ± .008)
4.45 ± .38
(.175 ± .015)
2.54
(.100)
2.54
(.100)
5.08 ± 1.02
(.200 ± .040)
2.03
(.080)
3 PLCS.
(.040)
WIDE X
(.090)
LONG
3 PLCS.
1.02
2.29
1.60+.38/-.00
(.063+.015/-.000)
6.31+.025/-.076
(.2485+.001/.003)
DIA
6.31+.025/-.076
(.2485+.001/.003)
DIA.
5.49
(.216)
1.19
(.047)
6.31+.025/-.076
(.2485+.001/.010)
DIA.
14.27 ± .25
(.562 ± .010)
1.80 ± .25
(0.07 ± .001)
1.00
(.04)
1.50 ± .25
(0.06 ± .001)
13.16+.00/-.15
(.1245+.000/-.006)
DIA.
6.0
(.236)
DIA.
DIA.
3.988
(.157)
SHAFT TYPE "B"
STD. LENGTHS "L"
(1/2),
(5/8),
12.7
15.88 19.05
(3/4),
22.23
(7/8)
SHAFT TYPE "C"
STD. LENGTHS "L"
(3/4),
(7/8)
USES BUSHING A OR D
19.05
22.0
SHAFT TYPE "D"
STD. LENGTHS "L"
(1/2),
(5/8),
(3/4)
USES BUSHING C
12.7
15.88
19.05
NOTE: FOR
(.750)
SHAFT - FLAT LENGTH IS
(.313)
FOR
(.875) SHAFT - FLAT LENGTH IS
(.440)
19.05
7.95
11.18
TOLERANCES EXCEPT AS SHOWN: DECIMAL .XXX ±
(.015 )
FRACTION ± 1/64
.XX ±
(.38)
ANGLE ±5 °
.128
.005
16.0
19.05
22.0
16.0
22.0
12.0
.79
(0.03)
22.23
USES BUSHING A OR D
MOUNTING
SURFACE
31
2
6
5
4
2
3
1
Model 99 1st Cup Same As Model 95
(2nd Cup - Switch)
2.77 ± .38
(1.09 ± .015)
15.88
(.625)
REF.
24.77 ± .51
(.975 ± .020)
2.41 X 1.14
(.095 ± .045)
SLOT 6 PLCS
2.29
(.090)
6 PLCS.
2.77 ± .38
(.109 ± .015)
16.89 ± .51
(.665 ± .020)
5.59 ± .38
(.022 ± .015)
4.45 ± .38
(.175 ± .015)
5.08
(.20)
321
321
Model 92 J-Hooked
Terminals, In-Line
Model 94 J-Hooked
Terminals, "L" Pattern
1.52
(.06)
.254
(.010)
GAP
.79
(.031) 2 PLCS.
5.33 ± .76
(.21 ± .03)
1.52
(.06)
GAP
.81
(.032)
R. MAX.
3.81
(.150)
MAX. TYP.
1
3
CCW
2
POTENTIOMETER
TOTAL ROTATION 300 °
CW DETENT
25 ° MAX.
ACTUATION ANGLE
(TYPES 50, 52, 54,
56, 58, 60, 70, 72)
CCW DETENT
25 ° MAX.
ACTUATION
ANGLE
(TYPES 51,
53, 55, 57, 59,
61, 71, 73)
NOTE: Switch terminals shown in vertical position.
120 ° ± 5 ° STD.
FLAT ORIENTATION
(SHAFT AT CCW END)
Switch Module Variations
Shaft Flat Orientation
DIMENSIONS ARE:
MM
(INCHES)
91, 92, 93, 94, 95, 96, 99 - 5/8 ” Square Single-Turn
Product Dimensions


Similar Part No. - 91R1C-D16-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
91R1AB22A10R51 ETC1-91R1AB22A10R51 Datasheet
338Kb / 3P
   For technical assistance call the Sensor Controls Products number on the back cover
91R1AB22A13R51 ETC1-91R1AB22A13R51 Datasheet
338Kb / 3P
   For technical assistance call the Sensor Controls Products number on the back cover
91R1AB22A15R51 ETC1-91R1AB22A15R51 Datasheet
338Kb / 3P
   For technical assistance call the Sensor Controls Products number on the back cover
91R1AB22A18R51 ETC1-91R1AB22A18R51 Datasheet
338Kb / 3P
   For technical assistance call the Sensor Controls Products number on the back cover
91R1AB22A20R51 ETC1-91R1AB22A20R51 Datasheet
338Kb / 3P
   For technical assistance call the Sensor Controls Products number on the back cover
More results

Similar Description - 91R1C-D16-A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
91A2A BOURNS-91A2A Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91C1A-D24-B10 BOURNS-91C1A-D24-B10 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control
93R1A-R22-A12L BOURNS-93R1A-R22-A12L Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
93A1A-B28-A15 BOURNS-93A1A-B28-A15 Datasheet
352Kb / 6P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
91A2A-A28-A15 BOURNS-91A2A-A28-A15 Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
PCW1J-B24 BOURNS-PCW1J-B24 Datasheet
316Kb / 4P
   PC - Slimline22 mm Square Single Turn Panel Control
PCW1J-B24-BAB103L BOURNS-PCW1J-B24-BAB103L Datasheet
324Kb / 4P
   PC - Slimline 22 mm Square Single Turn Panel Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com