Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6943A Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6943A
Description  6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6943A Datasheet(HTML) 1 Page - Texas Instruments

  PT6943A Datasheet HTML 1Page - Texas Instruments PT6943A Datasheet HTML 2Page - Texas Instruments PT6943A Datasheet HTML 3Page - Texas Instruments PT6943A Datasheet HTML 4Page - Texas Instruments PT6943A Datasheet HTML 5Page - Texas Instruments PT6943A Datasheet HTML 6Page - Texas Instruments PT6943A Datasheet HTML 7Page - Texas Instruments PT6943A Datasheet HTML 8Page - Texas Instruments PT6943A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
High Efficiency Dual Output
(See Ordering Information)
Ideal Power Source for DSPs
5V/3.3V Input
6A Rated (Both Outputs)
Internal Power-up Sequencing
Single On/Off Control
Independent Adjust/Trim
Description
The PT6940 Excalibur™ power modules
are a series of high-efficiency dual-output
regulators, housed in a solderable space-
saving package. The dual output is ideal
for DSP applications that require a second
voltage source for a processor core.
Both outputs from the PT6940 regulator
modules are rated to deliver a full 6A load
current simultaneously, and are internally
sequenced to comply with the power-up
requirements of popular DSP ICs.
Each output can be independently
adjusted with a single external resistor, and
incorporates an output sense to compensate
for voltage drop between the regulator and
load. A short-circuit load fault at either
output will result in the coordinated
shutdown of both voltages.
Remote Sensing (Vo1 & Vo2)
Soft-Start
Short-Circuit Protection
(coordinated shutdown)
27-pin Space-Saving Package
Solderable Copper Case
Cin = Req’d 330µF * electrolytic
Co1/Co2 = Req’d 330µF * electrolytic
*300µF for Oscon® or low ESR tantalum
(see application notes)
PT6940 Series
6-A Dual Output 5-V/3.3-V Input
Integrated Switching Regulator
SLTS155B
Revised (4/8/2002)
Ordering Information
PT6941
o = +3.3/2.5 Volts
PT6942
o = +3.3/1.8 Volts
PT6943
o = +3.3/1.5 Volts
PT6944
o = +3.3/1.2 Volts
† PT6946
o = +2.5/1.8 Volts
† PT6947
o = +2.5/1.5 Volts
† PT6948
o = +2.5/1.2 Volts
† -Denotes models that will also operate off
3.3V input bus.
Pin Function
1
STBY* †
2Vo1 Adjust
3Vo1 Sense
4Vo1
5Vo1
6Vo1
7GND
8GND
9GND
10
GND
11
GND
12
GND
13
Vin
14
Vin
Pin
Function
15
Vin
16
Vin
17
GND
18
GND
19
GND
20
GND
21
GND
22
GND
23
Vo2
24
Vo2
25
Vo2
26
Vo2 Sense
27
Vo2 Adjust
† STBY* pin:
Open = Outputs enabled
Ground = Outputs disabled
Pin-Out Information
PT Series Suffix (PT1234x)
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(ENE)
Horizontal
A
(ENF)
SMD
C
(ENG)
(Reference the applicable package code drawing
for the dimensions and PC layout)
PT6940
Co
1
330µF
+
13–16
4–6
23–25
C
IN
330µF
26
Co
2
330µF
+
3
1
Vo
1
Vo
2
L
O
A
D
L
O
A
D
Vo
2 Sense
Vo
1 Sense
V
IN
STBY*
GND
GND
+
7–12
17–22
Not Recommended For New Designs


Similar Part No. - PT6943A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
More results

Similar Description - PT6943A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com