Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2335AIDGKR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2335AIDGKR
Description  SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2335AIDGKR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2335AIDGKR Datasheet HTML 4Page - Texas Instruments OPA2335AIDGKR Datasheet HTML 5Page - Texas Instruments OPA2335AIDGKR Datasheet HTML 6Page - Texas Instruments OPA2335AIDGKR Datasheet HTML 7Page - Texas Instruments OPA2335AIDGKR Datasheet HTML 8Page - Texas Instruments OPA2335AIDGKR Datasheet HTML 9Page - Texas Instruments OPA2335AIDGKR Datasheet HTML 10Page - Texas Instruments OPA2335AIDGKR Datasheet HTML 11Page - Texas Instruments OPA2335AIDGKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
www.ti.com
OPA334, OPA2334, OPA335, OPA2335
SBOS245D
FIGURE 1. Input Current Protection.
5k
OPA335
10mA max
+5V
V
IN
V
OUT
I
OVERLOAD
Current-limiting resistor
required if input voltage
exceeds supply rails by
≥ 0.5V.
Normally, input bias current is approximately 70pA; however,
input voltages exceeding the power supplies can cause
excessive current to flow in or out of the input pins. Momen-
tary voltages greater than the power supply can be tolerated
if the input current is limited to 10mA. This is easily accom-
plished with an input resistor, as shown in Figure 1.
INTERNAL OFFSET CORRECTION
The OPA334 and OPA335 series op amps use an auto-zero
topology with a time-continuous 2MHz op amp in the signal
path. This amplifier is zero-corrected every 100
µs using a
proprietary technique. Upon power-up, the amplifier requires
one full auto-zero cycle of approximately 100
µs to achieve
specified VOS accuracy. Prior to this time, the amplifier
functions properly but with unspecified offset voltage.
This design has remarkably little aliasing and noise. Zero
correction occurs at a 10kHz rate, but there is virtually no
fundamental noise energy present at that frequency. For all
practical purposes, any glitches have energy at 20MHz or
higher and are easily filtered, if required. Most applications
are not sensitive to such high-frequency noise, and no
filtering is required.
Unity-gain operation demands that the auto-zero circuitry
correct for common-mode rejection errors of the main ampli-
fier. Because these errors can be larger than 0.01% of a full-
scale input step change, one calibration cycle (100
µs) can be
required to achieve full accuracy. This behavior is shown in
the typical characteristic section, see
Settling Time vs Closed-
Loop Gain.
ACHIEVING OUTPUT SWING TO THE OP AMP’S
NEGATIVE RAIL
Some applications require output voltage swing from 0V to a
positive full-scale voltage (such as +2.5V) with excellent
accuracy. With most single-supply op amps, problems arise
when the output signal approaches 0V, near the lower output
FIGURE 2. Op Amp with Pull-Down Resistor to Achieve
VOUT = Ground.
swing limit of a single-supply op amp. A good single-supply
op amp may swing close to single-supply ground, but will not
reach ground. The output of the OPA334 or OPA335 can be
made to swing to ground, or slightly below, on a single-
supply power source. To do so requires use of another
resistor and an additional, more negative, power supply than
the op amp’s negative supply. A pull-down resistor may be
connected between the output and the additional negative
supply to pull the output down below the value that the output
would otherwise achieve, as shown in Figure 2.
The OPA334 and OPA335 have an output stage that allows
the output voltage to be pulled to its negative supply rail, or
slightly below using the above technique. This technique only
works with some types of output stages. The OPA334 and
OPA335 have been characterized to perform well with this
technique. Accuracy is excellent down to 0V and as low as
–2mV. Limiting and non-linearity occurs below –2mV, but
excellent accuracy returns as the output is again driven
above –2mV. Lowering the resistance of the pull-down resis-
tor will allow the op amp to swing even further below the
negative rail. Resistances as low as 10k
Ω can be used to
achieve excellent accuracy down to –10mV.
LAYOUT GUIDELINES
Attention to good layout practices is always recommended.
Keep traces short. When possible, use a PCB ground plane
with surface-mount components placed as close to the de-
vice pins as possible. Place a 0.1
µF capacitor closely across
the supply pins. These guidelines should be applied through-
out the analog circuit to improve performance and provide
benefits such as reducing the EMI (electromagnetic-interfer-
ence) susceptibility.
V
OUT
R
P = 40kΩ
Op Amp’s V– = Gnd
OPA335
V
IN
V+ = +5V
–5V
Additional
Negative
Supply


Similar Part No. - OPA2335AIDGKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2335AIDGKR BURR-BROWN-OPA2335AIDGKR Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2335AIDGKR BURR-BROWN-OPA2335AIDGKR Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA2335AIDGKR NSC-OPA2335AIDGKR Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA2335AIDGKRG4 NSC-OPA2335AIDGKRG4 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results

Similar Description - OPA2335AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com