Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2335AID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2335AID
Description  SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2335AID Datasheet(HTML) 2 Page - Texas Instruments

  OPA2335AID Datasheet HTML 1Page - Texas Instruments OPA2335AID Datasheet HTML 2Page - Texas Instruments OPA2335AID Datasheet HTML 3Page - Texas Instruments OPA2335AID Datasheet HTML 4Page - Texas Instruments OPA2335AID Datasheet HTML 5Page - Texas Instruments OPA2335AID Datasheet HTML 6Page - Texas Instruments OPA2335AID Datasheet HTML 7Page - Texas Instruments OPA2335AID Datasheet HTML 8Page - Texas Instruments OPA2335AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
www.ti.com
OPA334, OPA2334, OPA335, OPA2335
SBOS245D
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
Shutdown Version
OPA334
SOT23-6
DBV
–40
°C to +125°C
OAOI
OPA334AIDBVT
Tape and Reel, 250
""
"
"
"
OPA334AIDBVR
Tape and Reel, 3000
OPA2334
MSOP-10
DGS
–40
°C to +125°C
BHE
OPA2334AIDGST
Tape and Reel, 250
""
"
"
"
OPA2334AIDGSR
Tape and Reel, 2500
Non-Shutdown Version
OPA335
SOT23-5
DBV
–40
°C to +125°C
OAPI
OPA335AIDBVT
Tape and Reel, 250
""
"
"
"
OPA335AIDBVR
Tape and Reel, 3000
OPA335
SO-8
D
–40
°C to +125°C
OPA335
OPA335AID
Rails, 100
""
"
"
"
OPA335AIDR
Tape and Reel, 2500
OPA2335
SO-8
D
–40
°C to +125°C
OPA2335
OPA2335AID
Rails, 100
""
"
"
"
OPA2335AIDR
Tape and Reel, 2500
OPA2335
MSOP-8
DGK
–40
°C to +125°C
BHF
OPA2335AIDGKT
Tape and Reel, 250
""
"
"
"
OPA2335AIDGKR
Tape and Reel, 2500
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
Supply Voltage .................................................................................... +7V
Signal Input Terminals, Voltage(2) ........................... –0.5V to (V+) + 0.5V
Current(2) ..................................................
±10mA
Output Short Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –40
°C to +150°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. These are stress ratings only, and functional opera-
tion of the device at these, or any other conditions beyond those specified,
is not implied. (2) Input terminals are diode-clamped to the power-supply
rails. Input signals that can swing more than 0.5V beyond the supply rails
should be current-limited to 10mA or less. (3) Short-circuit to ground, one
amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PIN CONFIGURATIONS
NOTES: (1) NC indicates no internal connection. (2) Pin 1 of the SOT23-6 is
determined by orienting the package marking as indicated in the diagram.
1
2
3
5
4
V+
–In
Out
V–
+In
OPA335
SOT23-5
1
2
3
4
8
7
6
5
NC(1)
V+
Out
NC(1)
NC(1)
–In
+In
V–
OPA335
SO-8
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2335
SO-8, MSOP-8
A
B
1
2
3
6
5
4
V+
Enable
–In
Out
V–
+In
OPA334(2)
SOT23-6
1
2
3
4
5
10
9
8
7
6
V+
Out B
–In B
+In B
Enable B
Out A
–In A
+In A
V–
Enable A
OPA2334
MSOP-10
A
B


Similar Part No. - OPA2335AID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2335AID BURR-BROWN-OPA2335AID Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2335AID BURR-BROWN-OPA2335AID Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA2335AID NSC-OPA2335AID Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA2335AIDG4 NSC-OPA2335AIDG4 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Burr-Brown (TI)
OPA2335AIDGKR BURR-BROWN-OPA2335AIDGKR Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2335AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com