Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIWC73-1R0 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIWC73-1R0
Description  Electrical Characteristics 25 C 100KHz, 0.1V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIWC73-1R0 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIWC73-1R0 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DELTA P/N : SIWC73 Series
Mechanical dimensions
Electrical Characteristics @25
100KHz, 0.1V
Delta P/N
L
1
(uH)
DCR
(m ) MAX
Irated
2
(Adc)
SIWC73-1R0
1.0
19
3.12
SIWC73-1R5
1.5
23
2.85
SIWC73-2R2
2.2
28
2.66
SIWC73-3R3
3.3
35
2.26
SIWC73-4R7
4.7
43
1.96
SIWC73-6R8
6.8
55
1.76
SIWC73-100
10
80
1.34
SIWC73-120
12
90
1.23
SIWC73-150
15
120
1.09
SIWC73-180
18
130
0.99
SIWC73-220
22
150
0.90
SIWC73-270
27
210
0.81
SIWC73-330
33
250
0.72
SIWC73-390
39
310
0.67
SIWC73-470
47
350
0.60
SIWC73-560
56
430
0.55
SIWC73-680
68
520
0.50
SIWC73-820
82
600
0.46
SIWC73-101
100
790
0.41
1.
Tolerance of inductance : ± 20%
2.
Irated is the DC current which cause the inductance drop 10% typical of it’s nominal inductance without current and
the surface temperature of the part increase less than 45 ℃.
3.
Operating temperature:
-40℃ to
105℃ (Self-temperature rise included).
Dimensions (Unit : mm)
A
7.6 MAX
B
7.6 MAX
C
3.5 MAX
D
5.3
E
1.0
F
2.0
G
4.4
H
2.0
I
3.0


Similar Part No. - SIWC73-1R0

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIWC75 DELTA-SIWC75 Datasheet
34Kb / 1P
   Mechanical dimensions
SIWC75-100 DELTA-SIWC75-100 Datasheet
34Kb / 1P
   Mechanical dimensions
SIWC75-101 DELTA-SIWC75-101 Datasheet
34Kb / 1P
   Mechanical dimensions
SIWC75-120 DELTA-SIWC75-120 Datasheet
34Kb / 1P
   Mechanical dimensions
SIWC75-121 DELTA-SIWC75-121 Datasheet
34Kb / 1P
   Mechanical dimensions
More results

Similar Description - SIWC73-1R0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM200F120CMD ETC1-OM200F120CMD Datasheet
90Kb / 4P
   ELECTRICAL CHARACTERISTICS: OM200F120CMD (Tc= 25 C unless otherwise specified)
LT7821-81 ETC-LT7821-81 Datasheet
455Kb / 1P
   SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5738A NJSEMI-1N5738A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com