Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5CSTD5 Datasheet(PDF) 7 Page - Altera Corporation

Part # 5CSTD5
Description  Cyclone V Device Handbook
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSTD5 Datasheet(HTML) 7 Page - Altera Corporation

Back Button 5CSTD5 Datasheet HTML 3Page - Altera Corporation 5CSTD5 Datasheet HTML 4Page - Altera Corporation 5CSTD5 Datasheet HTML 5Page - Altera Corporation 5CSTD5 Datasheet HTML 6Page - Altera Corporation 5CSTD5 Datasheet HTML 7Page - Altera Corporation 5CSTD5 Datasheet HTML 8Page - Altera Corporation 5CSTD5 Datasheet HTML 9Page - Altera Corporation 5CSTD5 Datasheet HTML 10Page - Altera Corporation 5CSTD5 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
CV-51001-1.2
© 2012 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone V Device Handbook
Volume 1: Device Overview and Datasheet
February 2012
Subscribe
ISO
9001:2008
Registered
1. Overview for Cyclone V Device Family
Cyclone® V devices are designed to simultaneously accommodate the shrinking
power consumption, cost, and time-to-market requirements; and the increasing
bandwidth requirements for high-volume and cost-sensitive applications.
The Cyclone V devices are ideal for small form factor applications that are cost- and
power-sensitive in the wireless, wireline, military, broadcast, industrial, consumer,
and communications industries.
The Cyclone V device family is available in six variants:
Cyclone V E—optimized for the lowest system cost and power requirement for a
wide spectrum of general logic and digital signal processing (DSP) applications.
Cyclone V GX—optimized for the lowest cost and power requirement for
614-megabits per second (Mbps) to 3.125-gigabits per second (Gbps) transceiver
applications.
Cyclone V GT—the FPGA industry’s lowest cost and lowest power requirement
for 5-Gbps transceiver applications.
Cyclone V SE—system-on-a-chip (SoC) FPGA with integrated Cyclone V FPGA
and ARM®-based hard processor system (HPS).
Cyclone V SX—SoC FPGA with integrated Cyclone V FPGA, ARM-based HPS,
and 3.125-Gbps transceivers.
Cyclone V ST—SoC FPGA with integrated Cyclone V FPGA, ARM-based HPS,
and 5-Gbps transceivers.
The Cyclone V SoC FPGA variants feature an FPGA integrated with an HPS that
consists of a dual-core ARM Cortex-A9 MPCoreprocessor, a rich set of peripherals,
and a shared multiport SDRAM controller.
The Cyclone V device family provides the following key advantages:
Up to 40% lower power consumption than the previous generation device—built
on TSMC’s 28-nm low power (28LP) process and includes an abundance of hard
intellectual properties (IP).
Improved logic integration and differentiation capabilities—features a new
8-input adaptive logic module (ALM), up to 11.6 megabits (Mb) of dedicated
memory, and variable-precision DSP blocks.
Increased bandwidth capacity—a combined result of the new 3-Gbps and 5-Gbps
transceivers, and the hard memory controllers.
Tight integration of a dual-core ARM Cortex-A9 MPCore processor, hard IP, and
an FPGA in a single Cyclone V SoC FPGA—supports over 100 Gbps peak
bandwidth with integrated data coherency between the processor and the FPGA.
February 2012
CV-51001-1.2


Similar Part No. - 5CSTD5

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
5CSTFD5D5F31I7 INTEL-5CSTFD5D5F31I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
5CSTFD5D5F31I7N INTEL-5CSTFD5D5F31I7N Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
5CSTFD6D5F31I7 INTEL-5CSTFD6D5F31I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
5CSTFD6D5F31I7N INTEL-5CSTFD6D5F31I7N Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
More results

Similar Description - 5CSTD5

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C5M164I7N ALTERA-EP3C5M164I7N Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3C120F484C7 ALTERA-EP3C120F484C7 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP4CE6F17I7N ALTERA-EP4CE6F17I7N Datasheet
1Mb / 54P
   Cyclone IV Device Handbook
December 2016
EP3C40F484A7N ALTERA-EP3C40F484A7N Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3C16F484I7 ALTERA-EP3C16F484I7 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
C5V1-2.4 ALTERA-C5V1-2.4 Datasheet
2Mb / 385P
   Cyclone Device Handbook, Volume 1
May 2008
EP1C6F256C8N ALTERA-EP1C6F256C8N Datasheet
5Mb / 385P
   Cyclone Device Handbook, Volume 1
logo
List of Unclassifed Man...
EP1C12F256I7N ETC2-EP1C12F256I7N Datasheet
5Mb / 385P
   Cyclone Device Handbook, Volume 1
logo
Altera Corporation
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com