Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1442 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM1442
Description  Micropower Quad-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1442 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM1442 Datasheet HTML 7Page - Analog Devices ADUM1442 Datasheet HTML 8Page - Analog Devices ADUM1442 Datasheet HTML 9Page - Analog Devices ADUM1442 Datasheet HTML 10Page - Analog Devices ADUM1442 Datasheet HTML 11Page - Analog Devices ADUM1442 Datasheet HTML 12Page - Analog Devices ADUM1442 Datasheet HTML 13Page - Analog Devices ADUM1442 Datasheet HTML 14Page - Analog Devices ADUM1442 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADuM1440/ADuM1441/ADuM1442/ADuM1445/ADuM1446/ADuM1447
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 16.
Parameter
Rating
Supply Voltages (VDD1, VDD2)
−0.5 V to +3.6 V
Input Voltages (VIA, VIB )
−0.5 V to VDDI + 0.5 V
Output Voltages (VOA, VOB)
−0.5 V to VDD2 + 0.5 V
Average Output Current per Pin1
Side 1 (IO1)
−10 mA to +10 mA
Side 2 (IO2)
−10 mA to +10 mA
Common-Mode Transients2
−100 kV/µs to +100 kV/µs
Storage Temperature (TST) Range
−65°C to +150°C
Ambient Operating Temperature
(TA) Range
−40°C to +125°C
1
See Figure 3 for maximum safety power values for various temperatures.
2
Refers to common-mode transients across the insulation barrier. Common-mode
transients exceeding the absolute maximum ratings can cause latch-up or
permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 17. Maximum Continuous Working Voltage1
Parameter
Value
Constraint
AC Voltage
60 Hz Bipolar Waveform
565 VPEAK
50-year minimum lifetime
60 Hz Unipolar Waveform
Basic Insulation
975 VPEAK
50-year minimum lifetime
DC Voltage
Basic Insulation
975 VPEAK
50-year minimum lifetime
1
Refers to continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more details.
ESD CAUTION
Table 18. Truth Table (Positive Logic) for all Models
VIxInput1, 2
VDDI State3
VDDO State4
ENx Input1
VOx Output1
Description
H
Powered
Powered
L
H
Normal operation; data is high and refresh is enabled.
L
Powered
Powered
L
L
Normal operation; data is low and refresh is enabled.
H
Powered
Powered
H
H
Output is high, and refresh is disabled.
L
Powered
Powered
H
L5
Output is low, and refresh is disabled.
L
Unpowered
Powered
L
Default
Input unpowered. Outputs are in the default state, high for
ADuM1440, ADuM1441, and ADuM1442, and low
ADuM1445, ADuM1446, and ADuM1447. Outputs return to
input state within 150 µs of VDDI power restoration. See the
pin function descriptions (Table 19 through Table 21) for
more details.
L
Unpowered
Powered
H
Hold
Input unpowered. Outputs are the last state before input
power is shut down.
X
Powered
Unpowered
X
Z
Output unpowered. Output pins are in high impedance
state. Outputs return to input state within 34 µs of VDDO power
restoration. See the pin function descriptions (Table 19
through Table 21) for more details.
1
H = high, L = low, X = don’t care, and Z = high impedance.
2
VIx and VOx refer to the input and output signals of a given channel (A, B, C, or D).
3
VDDI refers to the power supply on the input side of a given channel (A, B, C, or D).
4
VDDO refers to the power supply on the output side of a given channel (A, B, C, or D).
5
Low input must follow a falling edge; otherwise, it can be in the default low state.
Rev. 0 | Page 11 of 24


Similar Part No. - ADUM1442

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1442 AD-ADUM1442 Datasheet
465Kb / 25P
   Micropower Quad-Channel Digital Isolators
Rev. E
ADUM1442ARQZ AD-ADUM1442ARQZ Datasheet
465Kb / 25P
   Micropower Quad-Channel Digital Isolators
Rev. E
ADUM1442ARSZ AD-ADUM1442ARSZ Datasheet
465Kb / 25P
   Micropower Quad-Channel Digital Isolators
Rev. E
More results

Similar Description - ADUM1442

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1440 AD-ADUM1440_V01 Datasheet
465Kb / 25P
   Micropower Quad-Channel Digital Isolators
Rev. E
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com