Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7610 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # SPT7610
Description  6-BIT, 1 GSPS FLASH A/D CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7610 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button SPT7610 Datasheet HTML 2Page - Fairchild Semiconductor SPT7610 Datasheet HTML 3Page - Fairchild Semiconductor SPT7610 Datasheet HTML 4Page - Fairchild Semiconductor SPT7610 Datasheet HTML 5Page - Fairchild Semiconductor SPT7610 Datasheet HTML 6Page - Fairchild Semiconductor SPT7610 Datasheet HTML 7Page - Fairchild Semiconductor SPT7610 Datasheet HTML 8Page - Fairchild Semiconductor SPT7610 Datasheet HTML 9Page - Fairchild Semiconductor SPT7610 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
1/21/02
SPT7610
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
SPT7610SIQ
–40 to +85 °C
44L Cerquad
PIN ASSIGNMENTS
PIN FUNCTIONS
Name
Function
AVEE
Negative Supply; nominally –5.2 V
AGND
Analog Ground
VRTF
Reference Voltage Force Top; nominally 0 V
VRTS
Reference Voltage Sense Top
VRM
Reference Voltage Middle; nominally –0.5 V
VRBF
Reference Voltage Force Bottom; nominally –1.0 V
VRBS
Reference Voltage Sense Bottom
VIN
Analog Input Voltage; can be either Voltage or
Sense
DGND
Digital Ground
D0–D5A
Data Output Bank A
D0–D5B
Data Output Bank B
DRA
Data Ready Bank A
NDRA
Not Data Ready Bank A
DRB
Data Ready Bank B
NDRB
Not Data Ready Bank B
D6A
Overrange Output Bank A
D6B
Overrange Output Bank B
CLK
Clock Input
NCLK
Clock Input
MINV
MSB Control Pin
LINV
LSB Control Pin
TEST
Test Control Pin
VR1
Reference Voltage 1/4, nominally –0.75 V
VR3
Reference Voltage 3/4, nominally –0.25 V
SPT7610
Top View
44
1
VRBS
MINV
Test
AGND
AVEE
D6A
D5A
D4A
D3A
DGND
D2A
VRTS
AGND
CLK
NCLK
AGND
LINV
AVEE
DRB
NDRB
D0B
D1B
43 42 41 40 39 38 37 36 35 34
33
32
31
30
29
28
27
26
25
24
23
12 13 14 15 16 17 18 19 20 21 22
2
3
4
5
6
7
8
9
10
11
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS
WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems which, (a) are
intended for surgical implant into the body, or (b) support or sustain life,
and whose failure to perform, when properly used in accordance with
instructions for use provided in the labeling, can be reasonably
expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or
system whose failure to perform can be reasonably expected to cause
the failure of the life support device or system, or to affect its safety or
effectiveness.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO
IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR
USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR
THE RIGHTS OF OTHERS.
www.fairchildsemi.com
© Copyright 2002 Fairchild Semiconductor Corporation


Similar Part No. - SPT7610

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
SPT7610SIQ CADEKA-SPT7610SIQ Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
More results

Similar Description - SPT7610

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
   8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
   8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
   8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
   6-BIT FLASH A/D CONVERTER
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Sony Corporation
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
   6-bit 140MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com