Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTE215N10E Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTE215N10E
Description  TMOS POWER FET 215 AMPERES 100 VOLTS RDS(on) = 0.0055 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTE215N10E Datasheet(HTML) 3 Page - Motorola, Inc

  MTE215N10E Datasheet HTML 1Page - Motorola, Inc MTE215N10E Datasheet HTML 2Page - Motorola, Inc MTE215N10E Datasheet HTML 3Page - Motorola, Inc MTE215N10E Datasheet HTML 4Page - Motorola, Inc MTE215N10E Datasheet HTML 5Page - Motorola, Inc MTE215N10E Datasheet HTML 6Page - Motorola, Inc MTE215N10E Datasheet HTML 7Page - Motorola, Inc MTE215N10E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTE215N10E
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
ID, DRAIN CURRENT (AMPS)
Figure 3. On–Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage Current
versus Voltage
TJ = 25°C
VGS = 10 V
VGS = 10 V
ID = 107.5 A
7 V
6 V
– 50
0
50
100
150
220
165
110
55
0
4
3.5
3
2
1
240
160
120
0
8
6
4
2
1
200
80
150
100
50
0
200
250
7
0
20
60
40
80
100
5 V
4 V
125
0.5
1.5
2.5
9 V
8 V
40
3
5
VDS ≥ 5 V
100
°C
25
°C
TJ = – 55°C
0.018
0.016
0.014
0.012
0.01
0.008
0.006
0.004
0
50
100
150
200
250
TJ = 100°C
25
°C
– 55
°C
0.016
0.014
0.012
0.01
0.008
0.006
VGS = 10 V
TJ = 25°C
VGS = 10 V
15 V
– 25
25
75
1.6
1.4
1.2
1
0.8
0.6
100000
10000
1000
100
10
1
VGS = 0 V
TJ = 125°C
100
°C
25
°C


Similar Part No. - MTE215N10E

ManufacturerPart #DatasheetDescription
logo
ETA-USA
MTE200-05SX-F-W-C2 ETA-USA-MTE200-05SX-F-W-C2 Datasheet
4Mb / 3P
   200W Open Frame
MTE200-12SX-F-W-C2 ETA-USA-MTE200-12SX-F-W-C2 Datasheet
4Mb / 3P
   200W Open Frame
MTE200-15SX-F-W-C2 ETA-USA-MTE200-15SX-F-W-C2 Datasheet
4Mb / 3P
   200W Open Frame
MTE200-19SX-F-W-C2 ETA-USA-MTE200-19SX-F-W-C2 Datasheet
4Mb / 3P
   200W Open Frame
MTE200-24SX-F-W-C2 ETA-USA-MTE200-24SX-F-W-C2 Datasheet
4Mb / 3P
   200W Open Frame
More results

Similar Description - MTE215N10E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTY100N10E MOTOROLA-MTY100N10E Datasheet
216Kb / 8P
   TMOS POWER FET 100 AMPERES 100 VOLTS RDS(on) = 0.011 OHM
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTD9N10E MOTOROLA-MTD9N10E Datasheet
257Kb / 10P
   TMOS POWER FET 9.0 AMPERES 100 VOLTS RDS(on) = 0.25 OHM
MTP12P10 MOTOROLA-MTP12P10 Datasheet
190Kb / 6P
   TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.3 OHM
MTP33N10E MOTOROLA-MTP33N10E Datasheet
240Kb / 8P
   TMOS POWER FET 33 AMPERES 100 VOLTS RDS(on) = 0.06 OHM
MTP40N10E MOTOROLA-MTP40N10E Datasheet
160Kb / 8P
   TMOS POWER FET 40 AMPERES 100 VOLTS RDS(on) = 0.04 OHM
MTW33N10E MOTOROLA-MTW33N10E Datasheet
227Kb / 8P
   TMOS POWER FET 33 AMPERES 100 VOLTS RDS(on) = 0.06 OHM
MTW45N10E MOTOROLA-MTW45N10E Datasheet
155Kb / 8P
   TMOS POWER FET 45 AMPERES 100 VOLTS RDS(on) = 0.035 OHM
MTP27N10E MOTOROLA-MTP27N10E Datasheet
230Kb / 8P
   TMOS POWER FET 27 AMPERES 100 VOLTS RDS(on) = 0.07 OHM
MTP12N10E MOTOROLA-MTP12N10E Datasheet
239Kb / 6P
   TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.16 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com