Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2917P Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2917P
Description  FREQUENCY-TO-VOLTAGE CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2917P Datasheet(HTML) 2 Page - Texas Instruments

  LM2917P Datasheet HTML 1Page - Texas Instruments LM2917P Datasheet HTML 2Page - Texas Instruments LM2917P Datasheet HTML 3Page - Texas Instruments LM2917P Datasheet HTML 4Page - Texas Instruments LM2917P Datasheet HTML 5Page - Texas Instruments LM2917P Datasheet HTML 6Page - Texas Instruments LM2917P Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LM2907, LM2917
FREQUENCY-TO-VOLTAGE CONVERTERS
SLFS011A – MARCH 1986 – REVISED JULY 1993
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagrams
CAP1 CPO/IN +
(LM2917 only)
IN –
TACH +
VCC
5
4
E
C
3
7
1
6
+
8-PIN VERSIONS
Charge
Pump
14-PIN VERSIONS
IN +
(LM2917 only)
IN –
TACH +
VCC
8
5
E
C
4
10
1
9
TACH –
11
CPO
3
+
CAP1
Charge
Pump
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC: LM2907
28 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply current, ICC: LM2917
25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector-to-emitter voltage
28 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operational amplifier input voltage range, IN + and IN –
0 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Tachometer input voltage range: 8-pin version TACH +
0 V to 28 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
14-pin version TACH + and TACH –
0 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated in the recommended operating conditions section of
this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 85°C
POWER RATING
D (8 pin)
725 mW
5.8 mW/
°C
377 mW
D (14 pin)
950 mW
7.6 mW/
°C
494 mW
N
1150 mW
9.2 mW/
°C
598 mW
P
1000 mW
8.0 mW/
°C
520 mW


Similar Part No. - LM2917P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2917 NSC-LM2917 Datasheet
326Kb / 21P
   Frequency to Voltage Converter
LM2917 NSC-LM2917 Datasheet
326Kb / 18P
   Frequency to Voltage Converter
logo
Texas Instruments
LM2917-N TI-LM2917-N Datasheet
2Mb / 32P
[Old version datasheet]   LM2907/LM2917 Frequency to Voltage Converter
LM2917-N TI1-LM2917-N Datasheet
2Mb / 31P
[Old version datasheet]   Frequency to Voltage Converter
logo
National Semiconductor ...
LM2917EP NSC-LM2917EP Datasheet
712Kb / 21P
   Enhanced Plastic Frequency to Voltage Converter
More results

Similar Description - LM2917P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Analog Devices
AD7741 AD-AD7741 Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742 AD-AD7742_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742YRZ AD-AD7742YRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com