Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM833DGKT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM833DGKT
Description  DUAL HIGH-SPEED AUDIO OPERATIONAL AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM833DGKT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM833DGKT Datasheet HTML 3Page - Texas Instruments LM833DGKT Datasheet HTML 4Page - Texas Instruments LM833DGKT Datasheet HTML 5Page - Texas Instruments LM833DGKT Datasheet HTML 6Page - Texas Instruments LM833DGKT Datasheet HTML 7Page - Texas Instruments LM833DGKT Datasheet HTML 8Page - Texas Instruments LM833DGKT Datasheet HTML 9Page - Texas Instruments LM833DGKT Datasheet HTML 10Page - Texas Instruments LM833DGKT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-55
-25
5
35
65
95
125
TA – Temperature – °C
VCC+ = 3 V to 15 V
VCC– = -3 V to -15 V
è
VIO = 5 mV
VO = 0 V
D
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
-55
-25
5
35
65
95
125
TA – Temperature – °C
VCC+ = 3 V to 15 V
VCC– = -3 V to -15 V
VIO = 5 mV
VO = 0 V
D
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
RL – Load Resistance – kh
T = –55°C
A
T = 25°C
A
T = 125°C
A
kW
0
1
2
3
4
5
6
7
8
9
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
RL – Load Resistance – k@
T = –55°C
A
T = 25°C
A
T = 125°C
A
kW
LM833
www.ti.com
SLOS481A – JULY 2010 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
INPUT COMMON-MODE VOLTAGE
INPUT COMMON-MODE VOLTAGE
LOW PROXIMITY TO VCC–
HIGH PROXIMITY TO VCC+
vs
vs
TEMPERATURE
TEMPERATURE
OUTPUT SATURATION VOLTAGE PROXIMITY TO VCC+
OUTPUT SATURATION VOLTAGE PROXIMITY TO VCC–
vs
vs
LOAD RESISTANCE
LOAD RESISTANCE
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): LM833


Similar Part No. - LM833DGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM833DGKT TI1-LM833DGKT Datasheet
1Mb / 33P
[Old version datasheet]   Dual High-Speed Audio Operational Amplifier
More results

Similar Description - LM833DGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM833 TI1-LM833 Datasheet
1Mb / 33P
[Old version datasheet]   Dual High-Speed Audio Operational Amplifier
logo
Analog Devices
OP271 AD-OP271 Datasheet
411Kb / 10P
   HIGH SPEED DUAL OPERATIONAL AMPLIFIER
OP271 AD-OP271_02 Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP-271 AD-OP-271 Datasheet
411Kb / 10P
   HIGH SPEED, DUAL OPERATIONAL AMPLIFIER
OP271 AD-OP271_15 Datasheet
869Kb / 12P
   High-Speed, Dual Operational Amplifier
logo
Texas Instruments
RC4560 TI-RC4560_08 Datasheet
364Kb / 11P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI1-RC4580 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Audio Operational Amplifier
logo
New Japan Radio
NJM4582 NJRC-NJM4582 Datasheet
157Kb / 5P
   AUDIO DUAL OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
logo
New Japan Radio
MUSES8820 NJRC-MUSES8820 Datasheet
424Kb / 12P
   High Quality Audio Dual Operational Amplifier
Ver.2013-12-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com