Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMU01020E5101BB200 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MMU01020E5101BB200
Description  Precision MELF Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020E5101BB200 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MMU01020E5101BB200 Datasheet HTML 3Page - Vishay Siliconix MMU01020E5101BB200 Datasheet HTML 4Page - Vishay Siliconix MMU01020E5101BB200 Datasheet HTML 5Page - Vishay Siliconix MMU01020E5101BB200 Datasheet HTML 6Page - Vishay Siliconix MMU01020E5101BB200 Datasheet HTML 7Page - Vishay Siliconix MMU01020E5101BB200 Datasheet HTML 8Page - Vishay Siliconix MMU01020E5101BB200 Datasheet HTML 9Page - Vishay Siliconix MMU01020E5101BB200 Datasheet HTML 10Page - Vishay Siliconix MMU01020E5101BB200 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MMU 0102, MMA 0204, MMB 0207 - Precision
Vishay Beyschlag
Precision MELF Resistors
www.vishay.com
For technical questions contact: ff3bresistors@vishay.com
Document Number: 28714
40
Revision: 18-Jul-06
TESTS AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
EN 60115-1, generic specification
EN 140400, sectional specification
EN 140401-803, detail specification
The components are approved in accordance with the
IECQ-CECC-system, where applicable. For the full test
schedule refer to the documents listed above. The testing
also
covers
most
of the
requirements
specified
by
EIA/IS-703 and JIS-C-5202.
The tests are carried out in accordance with IEC 60068* and
under standard atmospheric conditions in accordance with
IEC 60068-1, 5.3*. Climatic category LCT/UCT/56 (rated
temperature range: Lower Category Temperature, Upper
Category Temperature; damp heat, long term, 56 days) is valid.
Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1 060 mbar).
The components are mounted for testing on printed-circuit
boards in accordance with EN 140400, 2.3.3, unless
otherwise specified.
The
requirements
stated
in
Test
Procedures
and
Requirements table are based on the required tests and
permitted limits of EN 140401-803. However, some
additional tests and a number of improvements against those
minimum requirements have been included. The stated
requirements for long-term tests are typically fulfilled with a
statistical safety of at least
+ 5 s.
x
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2*
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
stability for product types:
STABILITY
CLASS 0.05
OR BETTER
STABILITY
CLASS 0.1
OR BETTER
STABILITY
CLASS 0.25
OR BETTER
MMU 0102
100
Ω to 100 kΩ
43
Ω to 147 kΩ
22
Ω to 332 kΩ
MMA 0204
100
Ω to 100 kΩ
43
Ω to 221 kΩ
10
Ω to 511 kΩ
MMB 0207
100
Ω to 270 kΩ
43
Ω to 510 kΩ
15
Ω to 1 MΩ
4.5
-
resistance
-
± 0.5 % R; ± 0.25 % R; ± 0.1 % R
4.8.4.2
-
temperature
coefficient
at 20 / - 55 / 20
°C and
20 / 125 / 20
°C
± 25 ppm/K, ± 15 ppm/K
4.25.1
-
endurance at
70
°C: precision
operation mode
U =
≤ U
max;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (0.05 % R +5 m
Ω)
70 °C; 8000 h
± (0.1 % R +5 m
Ω)
endurance at
70
°C: standard
operation mode
U =
≤ U
max;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (0.1 % R +5 m
Ω)
70 °C; 8000 h
± (0.2 % R +5 m
Ω)
4.25.3
-
endurance at
upper category
85
°C; 1000 h
± (0.02 % R +5 m
Ω) ± (0.05 % R +5 mΩ)
± (0.1 % R +5 m
Ω)
125
°C; 1000 h
± (0.05 % R +5 m
Ω)
± (0.1 % R +5 m
Ω)
± (0.15 % R +5 m
Ω)
4.24
78 (Cab)
damp heat,
steady state
(40 ± 2)
°C; 56 days;
(93 ± 3) % RH
± (0.05 % R +5 m
Ω)
± (0.1 % R +5 m
Ω)
4.39
67 (Cy)
damp heat,
steady state,
accelerated
(85 ± 2)
°C; (85 ± 5) % RH;
U = 0.1
×
≤ 100 V;
1000 h
± (0.15 % R +5 m
Ω)
± (0.25 % R +5 m
Ω)
P
70
R
×
P
70
R
×
P
70
R
×


Similar Part No. - MMU01020E5101BB200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020B0000DB000 VISHAY-MMU01020B0000DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020B0000DB200 VISHAY-MMU01020B0000DB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020B0000DB300 VISHAY-MMU01020B0000DB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020B0000FB000 VISHAY-MMU01020B0000FB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020B0000FB200 VISHAY-MMU01020B0000FB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMU01020E5101BB200

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
   Metal Film Precision MELF Resistors
logo
Vishay Siliconix
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
   RJM Metal Film Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204_V01 Datasheet
156Kb / 10P
   Ultra Precision Thin Film MELF Resistors
30-Sep-2021
logo
WALSIN TECHNOLOGY CORPO...
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com