Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERA2AKD102X Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERA2AKD102X
Description  Metal Film Chip Resistors, High Reliability Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA2AKD102X Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERA2AKD102X Datasheet HTML 1Page - Panasonic Semiconductor ERA2AKD102X Datasheet HTML 2Page - Panasonic Semiconductor ERA2AKD102X Datasheet HTML 3Page - Panasonic Semiconductor ERA2AKD102X Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal Film Chip Resistors, High Reliability Type
Chip Resistor
a
b
Preheating
Peak
Heating
Time
Type
(inches)
Dimensions (mm)
ab
c
ERA2A(0402)
0.5 to 0.6
1.4 to 1.6
0.4 to 0.6
ERA3A(0603)
0.7 to 0.9
2 to 2.2
0.8 to 1
ERA6A(0805)
1 to 1.4
3.2 to 3.8
0.9 to 1.4
ERA8A(1206)
2 to 2.4
4.4 to 5.0
1.2 to 1.8
Temperature
Time
Preheating
140 °C to 160 °C
60 s to 120 s
Main heating
Above 200 °C
30 s to 40 s
Peak
235 ± 5 °C
max. 10 s
Temperature
Time
Preheating
150 °C to 180 °C
60 s to 120 s
Main heating
Above 230 °C
30 s to 40 s
Peak
max. 260 °C
max. 10 s
For soldering
For lead-free soldering
Temperature
TimeTemperature
Time
Preheating
140 °C to 180 °C
60 s to 120 s
150 °C to 180 °C
60 s to 120 s
Soldering
245 ± 5 °C
20 s to 30 s
max. 260 °C
max. 10 s
Recommended Soldering Conditions
Recommendations and precautions are described below.
● Recommended soldering conditions for reflow
For soldering (Example : Sn/Pb)
For lead-free soldering (Example : Sn/Ag/Cu)
● Recommended soldering conditions for flow
In case of flow soldering, the land width must be smaller than the Chip Resistor width to properly control the solder amount
properly. Generally, the land width should be 0.7 to 0.8 times (W) of the width of chip resistor. In case of reflow soldering,
solder amount can be adjusted, therefore the land width should be set to 1.0 to 1.3 times chip resistor width (W).
Recommended Land Pattern
Safety Precautions
The following are precautions for individual products. Please also refer to the precautions common to Fixed Resistors
shown on page ER2 of this catalog.
1. Keep the rated power and ambient temperature within the specified derating curve.
* When positioning and mounting Metal Film Chip Resistors (hereafter called the resistors), make allowance for the
effect of heat generated through close contact between the resistors and neighboring components and for the
temperature rise of adjacent heat-generating components.
2. If a transient load (heavy load in a short time) like a pulse is expected to be applied, check and evaluate the operations
of the resistors when installed in your products before use.
When applying pulses to the resistors, keep the pulse peak within the rated voltage.
3. Do not use halogen-based or other high-activity flux. Otherwise, the residue may impair the resistors' performance
and/or reliability.
4. When soldering with a soldering iron, never touch the resistors' bodies with the tip of the soldering iron. When using a
soldering iron with a high temperature tip, finish soldering as quickly as possible (within three seconds at 350 °C max.).
5. As the amount of applied solder becomes larger, the mechanical stress applied to the resistors increases, causing
problems such as cracks and faulty characteristics. Avoid applying an excessive amount of solder.
6. When the resistors' protective coatings are chipped, flawed, or removed, the characteristics of the resistors may be
impaired. Take special care not to apply mechanical shock during automatic mounting or cause damage during
handling of the boards with the resistors mounted.
7. Do not apply shock to the resistors or pinch them with a hard tool (e.g. pliers and tweezers). Otherwise, the resistors'
protective coatings and bodies may be chipped, affecting their performance.
8. Avoid excessive bending of printed circuit boards in order to protect the resistors from abnormal stress.
9. Do not immerse the resistors in solvent for a long time. Before using solvent, carefully check the effects of immersion.
· Reflow soldering shall be performed a maximum of
two times.
· Please contact us for additional information when
used in conditions other than those specified.
· Please measure the temperature of the terminals
and study every kind of solder and printed circuit
board for solderability before actual use.
Feb. 2009


Similar Part No. - ERA2AKD102X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA2AKD102X PANASONIC-ERA2AKD102X Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA2AKD102X PANASONIC-ERA2AKD102X Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Battery Group
ERA2AKD102X PANASONICBATTERY-ERA2AKD102X Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Semiconductor
ERA2AKD102X PANASONIC-ERA2AKD102X Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA2AKD102X PANASONIC-ERA2AKD102X Datasheet
537Kb / 7P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
1-Jul-21
More results

Similar Description - ERA2AKD102X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA3AEB1961V PANASONIC-ERA3AEB1961V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA3ARB103P PANASONIC-ERA3ARB103P Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA-3AEB333V PANASONIC-ERA-3AEB333V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA3ARB102P PANASONIC-ERA3ARB102P Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA-3AEB274V PANASONIC-ERA-3AEB274V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA6AEB302V PANASONIC-ERA6AEB302V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Battery Group
ERA3AEB2321V PANASONICBATTERY-ERA3AEB2321V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Semiconductor
ERA-6AEB514V PANASONIC-ERA-6AEB514V Datasheet
64Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-6ARB113V PANASONIC-ERA-6ARB113V Datasheet
81Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB9761V PANASONIC-ERA-3AEB9761V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com