Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA193AIDBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA193AIDBVR
Description  CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA193AIDBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA193AIDBVR Datasheet HTML 6Page - Texas Instruments INA193AIDBVR Datasheet HTML 7Page - Texas Instruments INA193AIDBVR Datasheet HTML 8Page - Texas Instruments INA193AIDBVR Datasheet HTML 9Page - Texas Instruments INA193AIDBVR Datasheet HTML 10Page - Texas Instruments INA193AIDBVR Datasheet HTML 11Page - Texas Instruments INA193AIDBVR Datasheet HTML 12Page - Texas Instruments INA193AIDBVR Datasheet HTML 13Page - Texas Instruments INA193AIDBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
R
S
A1
0.1 F
m
V+>3V
A2
R
L
Load
V
IN+
-16Vto+80V
Negative
and
Positive
Common-Mode
Voltage
V
IN+
V
IN-
V+
I
L
OUT
INA193-INA198
R
1
R
2
INA193, INA194
INA195, INA196
INA197, INA198
SBOS307F – MAY 2004 – REVISED FEBRUARY 2010
www.ti.com
SHUTDOWN
voltage loss in the measurement line. High values of
RS provide better accuracy at lower currents by
Because the INA193-INA198 consume a quiescent
minimizing the effects of offset, while low values of
current less than 1mA, they can be powered by either
RS minimize voltage loss in the supply line. For most
the output of logic gates or by transistor switches to
applications, best performance is attained with an RS
supply power. Use a totem-pole output buffer or gate
value that provides a full-scale shunt voltage range of
that can provide sufficient drive along with 0.1mF
50mV to 100mV. Maximum input voltage for accurate
bypass capacitor, preferably ceramic with good
measurements is 500mV.
high-frequency characteristics. This gate should have
a supply voltage of 3V or greater because the
TRANSIENT PROTECTION
INA193-INA198 requires a minimum supply greater
than 2.7V. In addition to eliminating quiescent current,
The
−16V to +80V common-mode range of the
this gate also turns off the 10mA bias current present
INA193-INA198 is ideal for withstanding automotive
at each of the inputs. An example shutdown circuit is
fault conditions ranging from 12V battery reversal up
shown in Figure 21.
to +80V transients, since no additional protective
components are needed up to those levels. In the
event
that
the
INA193-INA198
is
exposed
to
transients on the inputs in excess of its ratings, then
external transient absorption with semiconductor
transient absorbers (zeners or Transzorbs) will be
necessary.
Use
of
MOVs
or
VDRs
is
not
recommended except when they are used in addition
to a semiconductor transient absorber. Select the
transient absorber such that it will never allow the
INA193-INA198 to be exposed to transients greater
than +80V (that is, allow for transient absorber
tolerance, as well as additional voltage due to
transient absorber dynamic impedance). Despite the
use of internal zener-type ESD protection, the
INA193-INA198 does not lend itself to using external
resistors in series with the inputs because the internal
gain resistors can vary up to ±30%. (If gain accuracy
is not important, then resistors can be added in series
with the INA193-INA198 inputs with two equal
resistors on each input.)
OUTPUT VOLTAGE RANGE
The output of the INA193-INA198 is accurate within
the
output
voltage
swing
range
set
by
the
Figure 21. INA193-INA198 Example Shutdown
power-supply pin, V+. This is best illustrated when
Circuit
using the INA195 or INA198 (which are both versions
using a gain of 100), where a 100mV full-scale input
from the shunt resistor requires an output voltage
SELECTING RS
swing of +10V, and a power-supply voltage sufficient
to achieve +10V on the output.
The value chosen for the shunt resistor, RS, depends
on the application and is a compromise between
small-signal accuracy and maximum permissible
10
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): INA193 INA194 INA195 INA196 INA197 INA198


Similar Part No. - INA193AIDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA193AIDBVR BURR-BROWN-INA193AIDBVR Datasheet
226Kb / 15P
   CURRENT SHUNT MONITOR
logo
Texas Instruments
INA193AIDBVR TI1-INA193AIDBVR Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193AIDBVR TI1-INA193AIDBVR Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
More results

Similar Description - INA193AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA282 TI-INA282_12 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com