Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR215MTD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CR215MTD
Description  DS90CR215/DS90CR216 3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CR215MTD Datasheet(HTML) 3 Page - Texas Instruments

  DS90CR215MTD Datasheet HTML 1Page - Texas Instruments DS90CR215MTD Datasheet HTML 2Page - Texas Instruments DS90CR215MTD Datasheet HTML 3Page - Texas Instruments DS90CR215MTD Datasheet HTML 4Page - Texas Instruments DS90CR215MTD Datasheet HTML 5Page - Texas Instruments DS90CR215MTD Datasheet HTML 6Page - Texas Instruments DS90CR215MTD Datasheet HTML 7Page - Texas Instruments DS90CR215MTD Datasheet HTML 8Page - Texas Instruments DS90CR215MTD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DS90CR215, DS90CR216
www.ti.com
SNLS129D – MARCH 1999 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
−0.3V to +4V
CMOS/TTL Input Voltage
−0.3V to (VCC + 0.3V)
CMOS/TTL Output Voltage
−0.3V to (VCC + 0.3V)
LVDS Receiver Input Voltage
−0.3V to (VCC + 0.3V)
LVDS Driver Output Voltage
−0.3V to (VCC + 0.3V)
LVDS Output Short Circuit Duration
Continuous
Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 4 sec.)
+260°C
Maximum Package Power Dissipation @ +25°C
DGG0048A (TSSOP)
DS90CR215
1.98 W
Package:
DS90CR216
1.89 W
Package Derating
DS90CR215
16 mW/°C above +25°C
DS90CR216
15 mW/°C above +25°C
ESD Rating (HBM, 1.5 k
Ω, 100 pF)
> 7 kV
(1)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(2)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to
imply that the device should be operated at these limits. “Electrical Characteristics” specify conditions for device operation.
Recommended Operating Conditions
Min
Nom
Max
Units
Supply Voltage (VCC)
3.0
3.3
3.6
V
Operating Free Air Temperature (TA)
−40
+25
+85
°C
Receiver Input Range
0
2.4
V
Supply Noise Voltage (VCC)
100 mVPP
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
s
CMOS/TTL DC SPECIFICATIONS
VIH
High Level Input Voltage
2.0
VCC
V
VIL
Low Level Input Voltage
GND
0.8
V
VOH
High Level Output Voltage
I OH = −0.4 mA
2.7
3.3
V
VOL
Low Level Output Voltage
I OL = 2 mA
0.06
0.3
V
VCL
Input Clamp Voltage
I CL = −18 mA
−0.79
−1.5
V
IIN
Input Current
V IN = VCC, GND,
±5.1
±10
μA
2.5V or 0.4V
IOS
Output Short Circuit Current
V OUT = 0V
-60
−120
mA
LVDS DRIVER DC SPECIFICATIONS
VOD
Differential Output Voltage
R L = 100Ω
250
290
450
mV
ΔVOD
Change in V OD between Complimentary Output
35
mV
States
VOS
Offset Voltage(1)
1.125
1.25
1.375
V
ΔVOS
Change in V OSbetween Complimentary Output
35
mV
States
IOS
Output Short Circuit Current
V OUT = 0V,
−3.5
−5
mA
R L = 100Ω
IOZ
Output TRI-STATE Current
PWR DWN = 0V,
±1
±10
μA
V OUT = 0V or VCC
LVDS RECEIVER DC SPECIFICATIONS
(1)
VOS previously referred as VCM.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90CR215 DS90CR216


Similar Part No. - DS90CR215MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR215MTD NSC-DS90CR215MTD Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
logo
Texas Instruments
DS90CR215MTD TI1-DS90CR215MTD Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR215MTD/NOPB TI1-DS90CR215MTD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR215MTDX/NOPB TI1-DS90CR215MTDX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
More results

Similar Description - DS90CR215MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR215 TI1-DS90CR215_15 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
logo
National Semiconductor ...
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A_09 Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR285 NSC-DS90CR285 Datasheet
378Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR217 TI1-DS90CR217_13 Datasheet
948Kb / 18P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com