Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM158AHRQMLV Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM158AHRQMLV
Description  LM158QML Low Power Dual Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM158AHRQMLV Datasheet(HTML) 3 Page - Texas Instruments

  LM158AHRQMLV Datasheet HTML 1Page - Texas Instruments LM158AHRQMLV Datasheet HTML 2Page - Texas Instruments LM158AHRQMLV Datasheet HTML 3Page - Texas Instruments LM158AHRQMLV Datasheet HTML 4Page - Texas Instruments LM158AHRQMLV Datasheet HTML 5Page - Texas Instruments LM158AHRQMLV Datasheet HTML 6Page - Texas Instruments LM158AHRQMLV Datasheet HTML 7Page - Texas Instruments LM158AHRQMLV Datasheet HTML 8Page - Texas Instruments LM158AHRQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LM158QML
www.ti.com
SNOSAP3F – JULY 2005 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
Supply Voltage, V+
32VDC
Differential Input Voltage
32VDC
Input Voltage
−0.3VDC to +32VDC
Power Dissipation(2)
830 mW
Output Short-Circuit to GND(3)
Continuous
(One Amplifier)
V+
≤ 15VDC and TA = 25°C
Maximum Junction Temperature (TJmax)
150°C
Input Current (VI < −0.3V)
(4)
50 mA
Operating Temperature Range
−55°C ≤ TA ≤ +125°C
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Lead Temperature
(Soldering, 10
TO-99
300°C
seconds)
CDIP
260°C
CLGA
260°C
Thermal
θJA
TO-99 (Still Air)
155°C/W
Resistance
TO-99 (500LF/Min Air Flow)
80°C/W
CDIP (Still Air)
132°C/W
CDIP (500LF/Min Air Flow)
81°C/W
CLGA (Still Air)
195°C/W
CLGA (500LF/Min Air Flow)
131°C/W
θJC
TO-99
42°C/W
CDIP
23°C/W
CLGA
33°C/W
Package Weight
TO-99
1,000mg
CDIP
1,100mg
CLGA
220mg
ESD Tolerance(5)
250V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(3)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15V,
continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result
from simultaneous shorts on all amplifiers.
(4)
This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of
the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is
also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the op amps to go to
the V+voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and
normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than
−0.3V (at 25°C).
(5)
Human body model, 1.5 k
Ω in series with 100 pF.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM158QML


Similar Part No. - LM158AHRQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM158AHRQMLV TI1-LM158AHRQMLV Datasheet
404Kb / 28P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
LM158AHRQMLV TI1-LM158AHRQMLV Datasheet
962Kb / 30P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
LM158AHRQMLV TI1-LM158AHRQMLV Datasheet
1,012Kb / 30P
[Old version datasheet]   Low Power Dual Operational Amplifiers
LM158AHRQMLV TI1-LM158AHRQMLV Datasheet
1,004Kb / 30P
[Old version datasheet]   Low Power Dual Operational Amplifiers
More results

Similar Description - LM158AHRQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM158QML TI1-LM158QML Datasheet
404Kb / 28P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
5962R8771003VXA TI1-5962R8771003VXA Datasheet
962Kb / 30P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com