Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBR30SA-060-50 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 7MBR30SA-060-50
Description  IGBT MODULE (S series)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7MBR30SA-060-50 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  7MBR30SA-060-50 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7MBR30SA-060-50 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7MBR30SA-060-50 Datasheet HTML 3Page - List of Unclassifed Manufacturers 7MBR30SA-060-50 Datasheet HTML 4Page - List of Unclassifed Manufacturers 7MBR30SA-060-50 Datasheet HTML 5Page - List of Unclassifed Manufacturers 7MBR30SA-060-50 Datasheet HTML 6Page - List of Unclassifed Manufacturers 7MBR30SA-060-50 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IGBT Modules
7MBR30SA060
Vcc=300V, VGE=±15V, Rg=82
Ω, Tj=25°C
Vcc=300V, VGE=±15V, Rg=82
Ω, Tj=125°C
Vcc=300V, Ic=30A, VGE=±15V, Tj=25°C
Vcc=300V, VGE=±15V, Rg=82
Vcc=300V, Ic=30A, VGE=±15V, Tj=125°C
+VGE=15V, -VGE<15V, Rg>82
Ω, Tj<125°C
==
=
0
102030
4050
10
100
1000
ton
tr
toff
tf
[ Inverter ]
Switching time vs. Collector current (typ.)
Collector current : Ic [ A ]
0
10203040
50
10
100
1000
tf
tr
ton
toff
[ Inverter ]
Switching time vs. Collector current (typ.)
Collector current : Ic [ A ]
30
50
100
500
10
100
1000
5000
toff
ton
tr
tf
[ Inverter ]
Switching time vs. Gate resistance (typ.)
Gate resistance : Rg [
]
0
102030
405060
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Err(25
o
C)
Eoff(25
o
C)
Eon(25
o
C)
Err(125
o
C)
Eoff(125
o
C)
Eon(125
o
C)
[ Inverter ]
Switching loss vs. Collector current (typ.)
Collector current : Ic [ A ]
30
50
100
500
0
1
2
3
4
5
6
[ Inverter ]
Switching loss vs. Gate resistance (typ.)
Gate resistance : Rg [
]
Eon
Err
Eoff
0
200
400
600
800
0
20
40
60
80
[ Inverter ]
Reverse bias safe operating area
Collector - Emitter voltage : VCE [ V ]


Similar Part No. - 7MBR30SA-060-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR30SA060 FUJI-7MBR30SA060 Datasheet
646Kb / 7P
   IGBT MODULE(600V/30A/PIM)
7MBR30SA060E-01 FUJI-7MBR30SA060E-01 Datasheet
442Kb / 10P
   IGBT Module
More results

Similar Description - 7MBR30SA-060-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI15S-120L FUJI-6MBI15S-120L Datasheet
88Kb / 2P
   IGBT MODULE ( S-Series )
2MBI150SC-120 FUJI-2MBI150SC-120 Datasheet
282Kb / 4P
   IGBT MODULE ( S-Series )
2MBI150S-120 FUJI-2MBI150S-120 Datasheet
194Kb / 4P
   IGBT MODULE ( S-Series )
6MBI100S-120 FUJI-6MBI100S-120 Datasheet
510Kb / 4P
   IGBT MODULE(S series)
6MBI15S-120 FUJI-6MBI15S-120 Datasheet
541Kb / 4P
   IGBT MODULE ( S series)1200V / 15A
2MBI75S FUJI-2MBI75S Datasheet
297Kb / 4P
   IGBT MODULE ( S-Series ) 2-Pack IGBT 1200V 2X75A
7MBR10SA140 FUJI-7MBR10SA140 Datasheet
568Kb / 7P
   IGBT MODULE (S series) 1400V / 10A / PIM
6MBI100S-140 FUJI-6MBI100S-140_01 Datasheet
383Kb / 4P
   IGBT MODULE ( S series) 1400V / 100A 6 in one-package
1MBI200F-120 FUJI-1MBI200F-120 Datasheet
130Kb / 4P
   IGBT MODULE(F series)
1MBI200NA-120 FUJI-1MBI200NA-120 Datasheet
152Kb / 4P
   IGBT MODULE ( N series )
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com