Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2084DBT-V150 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2084DBT-V150
Description  SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2084DBT-V150 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2084DBT-V150 Datasheet HTML 5Page - Texas Instruments BQ2084DBT-V150 Datasheet HTML 6Page - Texas Instruments BQ2084DBT-V150 Datasheet HTML 7Page - Texas Instruments BQ2084DBT-V150 Datasheet HTML 8Page - Texas Instruments BQ2084DBT-V150 Datasheet HTML 9Page - Texas Instruments BQ2084DBT-V150 Datasheet HTML 10Page - Texas Instruments BQ2084DBT-V150 Datasheet HTML 11Page - Texas Instruments BQ2084DBT-V150 Datasheet HTML 12Page - Texas Instruments BQ2084DBT-V150 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
www.ti.com
VOLTAGE
CURRENT
TEMPERATURE
GAS GAUGE OPERATION
General
bq2084-V150
SLUS758 – JUNE 2007
While monitoring SR1 and SR2 for charge and discharge currents, the bq2084-V150 monitors the individual
series cell voltages through the bq29312A. The bq2084-V150 configures the bq29312A to present the selected
cell to the CELL pin of the bq29312A, which should be connected to VIN of the bq2084-V150. The internal ADC
of the bq2084-V150 then measures the voltage and scales it appropriately. The bq2084-V150 then reports the
Voltage() and the individual cell voltages in VCELL1(), VCELL2(), VCELL3(), and VCELL4(). An additional
SMBus command (0x45) returns the measured ADC Reading of the PACK input to the AFE.
The bq2084-V150 uses the SR1 and SR2 inputs to measure and calculate the battery charge and discharge
current. This value is reported via the SBS command Current(). AverageCurrent() is implemented as a
single-pole IIR filter with a 14.5-s time constant.
The TS input of the bq2084-V150 along with an NTC thermistor measures the battery temperature as shown in
the schematic. The bq2084-V150 reports temperature via the SBS command Temperature().
The bq2084-V150 can also be configured to use its internal temperature sensor by setting the IT bit in Misc
Configuration DF 0x2a-0x2b. Data flash locations DF 0xb5 through DF 0xc0 also have to be changed to
prescribed values if the internal temperature sensor option is selected.
Table 1. Data Flash Settings for Internal or External Temperature Sensor
INTERNAL TEMP
EXTERNAL TEMP SENSOR SETTING
LOCATION
SENSOR SETTING
(Semitec 103AT)
LABEL
Dec (Hex)
Dec (Hex)
Dec (Hex)
Misc. Config
42 (0x2a)
Bit 7 = 1
Bit 7 = 0
TS Const1 A3
164/5 (0xb5/6)
0 (0x0000)
–28285 (0x9183)
TS Const2 A2
166/7 (0xb7/8)
0 (0x0000)
20848 (0x5170)
TS Const3 A1
168/9 (0xb9/a)
–11136 (0xd480)
–7537 (0xe28f)
TS Const4 A0
170/1 (0xbb/c)
5734 (0x1666)
4012 (0x0fac)
Min Temp AD
172/3 (0xbd/e)
0 (0x0000)
0 (0x000)
Max Temp
174/5 (0xbf/c0)
5734 (0x1666)
4012 (0x0fac)
The operational overview in Figure 1 illustrates the gas gauge operation of the bq2084-V150. Table 3 describes
the bq2084-V150 registers.
9
Submit Documentation Feedback


Similar Part No. - BQ2084DBT-V150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq2084DBT-V150 TI1-bq2084DBT-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
More results

Similar Description - BQ2084DBT-V150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com