Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A22Z-3460-1 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # A22Z-3460-1
Description  The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-3460-1 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button A22Z-3460-1 Datasheet HTML 5Page - Omron Electronics LLC A22Z-3460-1 Datasheet HTML 6Page - Omron Electronics LLC A22Z-3460-1 Datasheet HTML 7Page - Omron Electronics LLC A22Z-3460-1 Datasheet HTML 8Page - Omron Electronics LLC A22Z-3460-1 Datasheet HTML 9Page - Omron Electronics LLC A22Z-3460-1 Datasheet HTML 10Page - Omron Electronics LLC A22Z-3460-1 Datasheet HTML 11Page - Omron Electronics LLC A22Z-3460-1 Datasheet HTML 12Page - Omron Electronics LLC A22Z-3460-1 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
38
22.2 dia.
23.4 dia.
(0.92)
30 dia.
22.2 dia.
33 dia.
(1.30)
32 dia.
For Extended Head Models
A
22Z-3600T
22.2 dia.
33 dia.
(1.30)
32 dia.
26 dia.
(1.02)
For Full-guard Models
A
22Z-3600G
31.5 dia.
22.2 dia.
32.5 dia.
(1.28)
For Flush Models
A
22Z-3600F
J
SEALING CAPS
30 dia,
(1.18)
10.2
(0.40)
J
LOCK FITTING
A
22Z-3360
J
25 MM-DIA. RING
A
22Z-R25
J
COLOR LENS
A
22L-30Tj
J
HOLE PLUG (ROUND)
A
22Z-3530
16.6
(0.65)
24
(0.94)
23
(0.91)
6
(0.24)
13
(0.51)
2.5
20.5
(0.81)
2.8
(0.11)


Similar Part No. - A22Z-3460-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22Z-3466-1 OMRON-A22Z-3466-1 Datasheet
809Kb / 19P
   Specifications Common to All
A22Z-3466-1 OMRON-A22Z-3466-1 Datasheet
771Kb / 21P
   Install in 22-dia. or 25-dia. Panel Cutout
A22Z-3466-1 OMRON-A22Z-3466-1 Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
A22Z-3466-2 OMRON-A22Z-3466-2 Datasheet
771Kb / 21P
   Install in 22-dia. or 25-dia. Panel Cutout
A22Z-3466-2 OMRON-A22Z-3466-2 Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
More results

Similar Description - A22Z-3460-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0920 STMICROELECTRONICS-UM0920 Datasheet
922Kb / 14P
   The purpose of this document is to provide information
logo
Freescale Semiconductor...
MC68HC908QB8 FREESCALE-MC68HC908QB8 Datasheet
1Mb / 236P
   To provide the most up-to-date information, the revision of our documents
logo
STMicroelectronics
AN2945 STMICROELECTRONICS-AN2945 Datasheet
218Kb / 18P
   Following the market launch of the award winning
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Texas Instruments
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
   Provides the following
logo
PHOENIX CONTACT
2700949 PHOENIX-2700949 Datasheet
51Kb / 3P
   In addition to the basic functions, the Pro version of WebVisit contains the following macros
logo
List of Unclassifed Man...
204P2 ETC1-204P2 Datasheet
6Mb / 41P
   Please visit the product pages on our website for the most up-to-date product information
logo
Altera Corporation
EP3C120F780C8 ALTERA-EP3C120F780C8 Datasheet
836Kb / 34P
   The following sections provide information about the absolute maximum ratings, recommended operating conditions, DC characteristics, and other specifications for Cyclone IIIdevices
logo
Freescale Semiconductor...
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
   This is the MC9S08SH8 datasheet set consisting of the following files
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com