Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6Z-1F-A Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6Z-1F-A
Description  Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6Z-1F-A Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6Z-1F-A Datasheet HTML 1Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 2Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 3Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 4Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 5Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 6Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 7Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 8Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
High-frequency Relay
G6Z
113
■ Coil Ratings
Non-latching, Standard and Reverse-contact Models G6Z-1P(E), G6Z-1F(E)
Single Coil Latching Models G6ZU-1P(E), G6ZU-1F(E)
Dual Coil Latching Models G6ZK-1P(E), G6ZK-1F(E)
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23
°C.
3. The maximum voltage is the highest voltage that can be imposed on the relay coil instantaneously.
4. The voltage measurements for operate/release and set/reset are the values obtained for instantaneous changes in the voltage
(rectangular wave).
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Must operate
voltage
(VDC)
Must dropout
voltage
(VDC)
Maximum
voltage
(VDC)
Power
consumption
(mW)
3
66.7
45
75% max. of
rated voltage
10% min. of
rated voltage
150% of rated
voltage
Approx. 200
4.5
44.4
101
5
40.0
125
9
22.2
405
12
16.7
720
24
8.3
2,880
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Must set
voltage
(VDC)
Must reset
voltage
(VDC)
Maximum
voltage
(VDC)
Power
consumption
(mW)
3
66.7
45
75% max. of
rated voltage
75% max. of
rated voltage
150% of rated
voltage
Approx. 200
4.5
44.4
101
5
40.0
125
9
22.2
405
12
16.7
720
24
8.3
2,880
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Must set
voltage
(VDC)
Must reset
voltage
(VDC)
Maximum
voltage
(VDC)
Power
consumption
(mW)
3
120
25
75% max. of
rated voltage
75% max. of
rated voltage
150% of rated
voltage
Approx. 360
4.5
80
56
572
69
9
40
225
12
30
400
24
15
1,600


Similar Part No. - G6Z-1F-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Z-1F-A OMRON-G6Z-1F-A Datasheet
1Mb / 18P
   High-frequency Relay
More results

Similar Description - G6Z-1F-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6K-2F-RF OMRON-G6K-2F-RF Datasheet
374Kb / 8P
   Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
2598BP39A0205 JOHANSON-2598BP39A0205 Datasheet
119Kb / 2P
   2.6 GHz Band Pass Filter
2593BP44B186 JOHANSON-2593BP44B186 Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
logo
Omron Electronics LLC
G6K-2F-RF-V OMRON-G6K-2F-RF-V Datasheet
545Kb / 7P
   8-GHz Band Miniature DPDT High Frequency Relay for High-speed Differential Transmission Signal Switching
G6K-2F-RF-TDC5 OMRON-G6K-2F-RF-TDC5 Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
logo
Pasternack Enterprises,...
PE2229-30 PASTERNACK-PE2229-30 Datasheet
262Kb / 1P
   HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 2.6-5.2 GHz
logo
WALSIN TECHNOLOGY CORPO...
RFLPF16082G6W0T WALSIN-RFLPF16082G6W0T Datasheet
521Kb / 7P
   2.6 GHz WiMAX / LTE Bands Working Frequency
logo
California Eastern Labs
UPG2159T5K CEL-UPG2159T5K Datasheet
253Kb / 11P
   L,S-BAND MINIATURE SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com