Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q4008VH356 Datasheet(PDF) 11 Page - Littelfuse

Part # Q4008VH356
Description  8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q4008VH356 Datasheet(HTML) 11 Page - Littelfuse

Back Button Q4008VH356 Datasheet HTML 6Page - Littelfuse Q4008VH356 Datasheet HTML 7Page - Littelfuse Q4008VH356 Datasheet HTML 8Page - Littelfuse Q4008VH356 Datasheet HTML 9Page - Littelfuse Q4008VH356 Datasheet HTML 10Page - Littelfuse Q4008VH356 Datasheet HTML 11Page - Littelfuse Q4008VH356 Datasheet HTML 12Page - Littelfuse Q4008VH356 Datasheet HTML 13Page - Littelfuse Q4008VH356 Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
85
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
Dimensions — TO-252AA (D-Package) — D-PAK Surface Mount
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.040
0.043
0.050
1.02
1.09
1.27
B
0.235
0.243
0.245
5.97
6.16
6.22
C
0.106
0.108
0.113
2.69
2.74
2.87
D
0.205
0.208
0.213
5.21
5.29
5.41
E
0.255
0.262
0.265
6.48
6.65
6.73
F
0.027
0.031
0.033
0.69
0.80
0.84
G
0.087
0.090
0.093
2.21
2.28
2.36
H
0.085
0.092
0.095
2.16
2.33
2.41
I
0.176
0.179
0.184
4.47
4.55
4.67
J
0.018
0.020
0.023
0.46
0.51
0.58
K
0.038
0.040
0.044
0.97
1.02
1.12
L
0.018
0.020
0.023
0.46
0.51
0.58
M
0.000
0.000
0.004
0.00
0.00
0.10
N
0.021
0.026
0.027
0.53
0.67
0.69
O
P
0.042
0.047
0.052
1.06
1.20
1.32
Q
0.034
0.039
0.044
0.86
1.00
1.11
M
O
N
H
J
L
K
.118
3
.063
1.60
.071
1.80
.264
6.71
.264
6.71
.181
4.60
GATE
MT2
MT1
MT2
T
C MEASURING POINT
G
I
D
E
A
B
C
F
5.28
.208
5.34
.210
: 0.040 IN2
AREA
P
Q


Similar Part No. - Q4008VH356

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q4008VH3 LITTELFUSE-Q4008VH3 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
List of Unclassifed Man...
Q4008VH3 ETC2-Q4008VH3 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

Similar Description - Q4008VH356

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com